Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PX-7010-DAJ-105 Datasheet(PDF) 4 Page - Vectron International, Inc

Part No. PX-7010-DAJ-105
Description  Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

PX-7010-DAJ-105 Datasheet(HTML) 4 Page - Vectron International, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
Type G241
< 53 MHz
Type G251
> 1 MHz
Height “H”
Height “H”
2,3 mm
2,3 mm
Dimensions: mm
Dimensions: mm
Pin Connections
Pin Connections
1 N/C
1 N/C
2 N/C / Enable (optional)
2 N/C / Enable (optional)
3 Ground
3 Ground
4 RF Output
4 RF Output
5 N/C
5 Complementary RF Output / (N/C: HCMOS only)
6 Supply Voltage Input (Vs)
6 Supply Voltage Input (Vs)
true table
HCMOS
LVPECL + LVDS
Pin 2
Pin 4
Pin 5
Pin 4
Pin 5
High
Data
N/C
No Data
No Data
Open
Data
N/C
Data
compl. Data
Low
High
Tristate
N/C
Data
compl. Data
Marking
PX-701
Frequency
● AYYWW
Enclosure
FX-701 page: 4/7


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn