Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX-040-0-BAT-200 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # DX-040-0-BAT-200
Description  Oven Controlled Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DX-040-0-BAT-200 Datasheet(HTML) 2 Page - Vectron International, Inc

  DX-040-0-BAT-200 Datasheet HTML 1Page - Vectron International, Inc DX-040-0-BAT-200 Datasheet HTML 2Page - Vectron International, Inc DX-040-0-BAT-200 Datasheet HTML 3Page - Vectron International, Inc DX-040-0-BAT-200 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Frequency Stabilities1
Parameter
Min
Typ
Max
Units
Condition
Power consumption @+12V
12
Watts
during warm-up
4
Watts
steady state @ +25°C
Power consumption @+5V
12
Watts
during warm-up
4
Watts
steady state @ +25°C
RF Output
Signal [Standard]
HCMOS
Load
15
pF
Signal Level (Vol)
0.5
VDC
with 15pF load
Signal Level (Voh)
4.5
VDC
with 15pF load
Duty cycle
45
55
%
(Voh-Vol)/2
Signal [Option]
Sinewave
Load
50
ohm
Output Power
+5.0
+7.0
+9.0
dBm
50 Ohm load
Harmonics
-30
dBc
50 Ohm load
Sub-Harmonics
-40
dBc
50 Ohm load
Frequency Tuning (EFC)
Tuning Range
±0.25
±0.5
±0.75
ppm
Linearity
20
%
Control Voltage Range
0
+2.5
+5.0
VDC
Tuning Slope
Positive
Additional Parameters
Phase Noise @ 10 MHz
-90
dBc/Hz
1 Hz
-120
dBc/Hz
10 Hz
-135
dBc/Hz
100 Hz
-140
dBc/Hz
1 KHz
-140
dBc/Hz
>10 KHz
Weight
140
g
Processing & Packing
Handling & processing note
Absolute Maximum Ratings
Supply Voltage
28
VDC
Output Load
50
25
pF
ohm
with HCMOS signal
with Sinewave signal
Operable temperature range
-55
+85
°C
Storage temperature range
-55
+125
°C


Similar Part No. - DX-040-0-BAT-200

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
DX-040 VECTRON-DX-040 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
More results

Similar Description - DX-040-0-BAT-200

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com