Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-702-EDE-HMM Datasheet(PDF) 1 Page - Vectron International, Inc

Part # FX-702-EDE-HMM
Description  Low Jitter VCSO Frequency Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-702-EDE-HMM Datasheet(HTML) 1 Page - Vectron International, Inc

  FX-702-EDE-HMM Datasheet HTML 1Page - Vectron International, Inc FX-702-EDE-HMM Datasheet HTML 2Page - Vectron International, Inc FX-702-EDE-HMM Datasheet HTML 3Page - Vectron International, Inc FX-702-EDE-HMM Datasheet HTML 4Page - Vectron International, Inc FX-702-EDE-HMM Datasheet HTML 5Page - Vectron International, Inc FX-702-EDE-HMM Datasheet HTML 6Page - Vectron International, Inc FX-702-EDE-HMM Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
1 of 7
FX-702
Low Jitter VCSO Frequency Translator
Previous Part Number FX-730
The FX-702 is a low jitter precision frequency translator used to translate input frequencies such as 19.44, 38.88, 77.76 MHz, etc. to
a binary multiple frequency as high as 850 MHz. The FX-702’s superior jitter performance is achieved through the PLL’s integrated
VCSO. The FX-702 is housed in a hermetically sealed leadless surface mount package offered on tape and reel.
5 x 7.5 x 2.5 mm Package
Frequency Translation up to 850 MHz
VCSO based PLL for Ultra-Low Jitter
CMOS / LVDS / LVPECL Inputs compatible
Differential LVPECL or LVDS Output
CMOS Lock Detect
External Divider for Input Frequencies < 19 MHz
0°/70°C or -40°/+85°C Temperature Range
Fully Compatible for Lead Free Assembly
SONET/SDH
10GbE./10.3GbE
Frequency Translation
Clock Smoothing, Clock Switching
FEC Scaling
Features
Applications
Block Diagram
Description
FX-702
Phase
Detector
& LD
VCC
(10)
Charge
Pump
VCSO
Switch
External
Divider
÷1, ÷4, ÷8,
÷16, ÷32
÷1, ÷2, ÷4
÷1, ÷4
LD
(2)
LFN
(6)
CFLN
(7)
MODE
(4)
BRCLK
(1)
GND
(3, 5, 13)
FOUT
(8)
CFOUT
(9)
Figure 1. Functional block diagram
FIN
(12)
CFIN
(11)
CBRCLK
(4)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 03Apr2009


Similar Part No. - FX-702-EDE-HMM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
More results

Similar Description - FX-702-EDE-HMM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702 VECTRON-FX-702_10 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730 Datasheet
284Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730_09 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
VS-800 VECTRON-VS-800 Datasheet
1Mb / 9P
   Ultra-Low Jitter High Frequency VCSO
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com