Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT4016 Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHT4016
Description  4-16GHz 6-BIT DIGITAL ATTENUATOR GaAs Monolithic Microwave IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4016 Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHT4016 Datasheet HTML 2Page - United Monolithic Semiconductors CHT4016 Datasheet HTML 3Page - United Monolithic Semiconductors CHT4016 Datasheet HTML 4Page - United Monolithic Semiconductors CHT4016 Datasheet HTML 5Page - United Monolithic Semiconductors CHT4016 Datasheet HTML 6Page - United Monolithic Semiconductors CHT4016 Datasheet HTML 7Page - United Monolithic Semiconductors CHT4016 Datasheet HTML 8Page - United Monolithic Semiconductors CHT4016 Datasheet HTML 9Page - United Monolithic Semiconductors CHT4016 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-16GHz Digital Attenuator
CHT4016
Ref. : DSCHT40169090 - 31 Mar 09
9/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Biasing conditions
Pin number
Pad name
Value
2
A1
-5V or 0V
3
A2
-5V or 0V
4
A3
-5V or 0V
5
A4
-5V or 0V
6
A5
-5V or 0V
7
A6
-5V or 0V
8
-5V
-5V
9
+5V
+5V
Biasing conditions


Similar Part No. - CHT4016

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4016-99F UMS-CHT4016-99F Datasheet
603Kb / 10P
   4-16GHz 6-bit digital attenuator
CHT4016-99F UMS-CHT4016-99F_15 Datasheet
603Kb / 10P
   4-16GHz 6-bit digital attenuator
CHT4016-QEG UMS-CHT4016-QEG Datasheet
729Kb / 12P
   4-14GHz 6-bit digital attenuator
CHT4016-QEG UMS-CHT4016-QEG_15 Datasheet
729Kb / 12P
   4-14GHz 6-bit digital attenuator
More results

Similar Description - CHT4016

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4016-99F UMS-CHT4016-99F_15 Datasheet
603Kb / 10P
   4-16GHz 6-bit digital attenuator
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
CHR3662-QDG UMS-CHR3662-QDG Datasheet
357Kb / 16P
   7-16GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
logo
Skyworks Solutions Inc.
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
   GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
logo
United Monolithic Semic...
CHT4016-QEG UMS-CHT4016-QEG_15 Datasheet
729Kb / 12P
   4-14GHz 6-bit digital attenuator
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
   GaAs Monolithic Microwave IC In QFN package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com