Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHC3014 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHC3014
Description  X-band RX-TX Core Chip GaAs Monolithic Microwave IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHC3014 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHC3014 Datasheet HTML 3Page - United Monolithic Semiconductors CHC3014 Datasheet HTML 4Page - United Monolithic Semiconductors CHC3014 Datasheet HTML 5Page - United Monolithic Semiconductors CHC3014 Datasheet HTML 6Page - United Monolithic Semiconductors CHC3014 Datasheet HTML 7Page - United Monolithic Semiconductors CHC3014 Datasheet HTML 8Page - United Monolithic Semiconductors CHC3014 Datasheet HTML 9Page - United Monolithic Semiconductors CHC3014 Datasheet HTML 10Page - United Monolithic Semiconductors CHC3014 Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
8-12GHz RX-TX Core Chip
CHC3014
Ref. : DSCHC30149043 - 12 Feb 09
7/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Phase shifter performances: Phase error
Phase error vs. frequency in RX and TX mode
Tuning attenuator state 1
Fine attenuator states 0-8-16-32
Phase error vs. phase state in RX and TX mode
for attenuation states 0, 8, 16, 32
RMS of phase error in RX and TX mode
Phase shift vs. phase shifter state in RX and TX mode
Tuning attenuator state 1
Fine attenuator states 0-8-16-32
Atten state : 63
All phase states
8 GHz< Freq. < 12 GHz
Atten. state : 0-8-16-32
Freq. = 10 GHz


Similar Part No. - CHC3014

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHC3014-99F UMS-CHC3014-99F Datasheet
1Mb / 20P
   X-band Core Chip
CHC3014-99F UMS-CHC3014-99F_15 Datasheet
1Mb / 20P
   X-band Core Chip
More results

Similar Description - CHC3014

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
CHC3014-99F UMS-CHC3014-99F_15 Datasheet
1Mb / 20P
   X-band Core Chip
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
   GaAs Monolithic Microwave IC In QFN package
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
United Monolithic Semic...
CHA2066-QAG UMS-CHA2066-QAG_15 Datasheet
211Kb / 12P
   GaAs Monolithic Microwave IC in SMD leadless package
logo
Qorvo, Inc
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
   Band 41 Tx / Rx Filter
March 5, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com