Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2997C Datasheet(PDF) 3 Page - Transcom, Inc.

Part # TC2997C
Description  2.1 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2997C Datasheet(HTML) 3 Page - Transcom, Inc.

  TC2997C Datasheet HTML 1Page - Transcom, Inc. TC2997C Datasheet HTML 2Page - Transcom, Inc. TC2997C Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TC2997C
PRE3_20050418
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 3 / 3
Part Type
Reference Designator
Description
Manufacturer
Resistor
R1
12 ohm 0805
-
Capacitor
Ci1
1.2 pF 0603
Murata
Capacitor
Ci2
0.75 pF 0603
Murata
Capacitor
Ci3
2.0 pF 0603
Murata
Capacitor
Ci4
1000 pF 0603
Murata
Capacitor
Ci5
0.1 uF 0603
Murata
Capacitor
Ci6
10 uF 1206
Murata
Capacitor
Co1
2.2 pF 0805
ATC
Capacitor
Co2
1.5 pF 0805
ATC
Capacitor
Co3
1000 pF 0603
Murata
EVALUATION BOARD
PCB Material: FR4
ER = 4.6
Thickness = 31 mil
Unit: mil


Similar Part No. - TC2997C

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2997A TRANSCOM-TC2997A Datasheet
50Kb / 2P
   1.6 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2997B TRANSCOM-TC2997B Datasheet
76Kb / 3P
   1.9 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2997D TRANSCOM-TC2997D Datasheet
101Kb / 3P
   2.45 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2997G TRANSCOM-TC2997G Datasheet
141Kb / 3P
   3.5 GHz 16WFlange Ceramic Packaged GaAs Power FETs
More results

Similar Description - TC2997C

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2997D TRANSCOM-TC2997D Datasheet
101Kb / 3P
   2.45 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2997A TRANSCOM-TC2997A Datasheet
50Kb / 2P
   1.6 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2997B TRANSCOM-TC2997B Datasheet
76Kb / 3P
   1.9 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2996B TRANSCOM-TC2996B Datasheet
77Kb / 3P
   1.9 GHz 12 W Flange Ceramic Packaged GaAs Power FETs
TC2996A TRANSCOM-TC2996A Datasheet
73Kb / 3P
   1.6 GHz 12 W Flange Ceramic Packaged GaAs Power FETs
TC2996D TRANSCOM-TC2996D Datasheet
88Kb / 3P
   2.45 GHz 12 W Flange Ceramic Packaged GaAs Power FETs
TC2896 TRANSCOM-TC2896 Datasheet
103Kb / 4P
   5 W Flange Ceramic Packaged GaAs Power FETs
TC2491 TRANSCOM-TC2491 Datasheet
104Kb / 3P
   0.5 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2591 TRANSCOM-TC2591 Datasheet
74Kb / 3P
   1 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
   2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com