Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1953A Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC1953A
Description  13.75 - 14.5 GHz 21 dBm MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1953A Datasheet(HTML) 2 Page - Transcom, Inc.

  TC1953A Datasheet HTML 1Page - Transcom, Inc. TC1953A Datasheet HTML 2Page - Transcom, Inc. TC1953A Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC1953A
REV3_20060525
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
MECHANICAL OUTLINE (in um)
ASSEMBLY DIAGRAM


Similar Part No. - TC1953A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
   13.75 - 14.75 GHz 1W MMIC
More results

Similar Description - TC1953A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
   13.75 - 14.5 GHz 0.5W MMIC
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
   13.75 - 14.5 GHz 1W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2 W MMIC
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
   13.75 - 14.5 GHz 0.5 W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
   13.75 - 14.5 GHz 1 W MMIC
logo
Toshiba Semiconductor
TIM1414-8-252 TOSHIBA-TIM1414-8-252 Datasheet
164Kb / 4P
   HIGH POWER P1dB=39.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-2-252 TOSHIBA-TIM1414-2-252 Datasheet
251Kb / 4P
   HIGH POWER P1dB=33.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-7-252 TOSHIBA-TIM1414-7-252 Datasheet
255Kb / 4P
   HIGH POWER P1dB=38.0 dBm at 13.75 GHz to 14.5 GHz
logo
Cree, Inc
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
   30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com