Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1952 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TC1952
Description  14 - 18 GHz 26dBm Driver MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1952 Datasheet(HTML) 1 Page - Transcom, Inc.

  TC1952 Datasheet HTML 1Page - Transcom, Inc. TC1952 Datasheet HTML 2Page - Transcom, Inc. TC1952 Datasheet HTML 3Page - Transcom, Inc. TC1952 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC1952
PRE.1_06/21/2006
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 4
Preliminary
14 – 18 GHz 26dBm Driver MMIC
FEATURES
• P
1dB: 26 dBm
• Small Signal Gain: 12 dB
• Bias Condition: 350 mA @ 8 V
DESCRIPTION
The TC1952 is a two stages PHEMT high power amplifier MMIC that operates from 14 to 18 GHz. The
amplifier provides a typical 12 dB of gain and delivers 26 dBm of P1dB. The MMIC is fabricated using
Transcom’s proprietary matured GaAs PHEMT process. The process features full passivation for
increased performance and reliability. All devices are 100 % DC tested to assure consistent quality. Bond
pads are gold plated for either thermocompression or thermosonic wire bonding. Backside gold plating is
compatible with standard AuSn die-attach.
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
14
18
GHz
SSG
Small Signal Gain
12
dB
P1dB
Output Power at 1dB Gain Compression
26
dBm
VSWR, IN
Input VSWR
2.5:1
-
VSWR, OUT
Output VSWR
2.5:1
-
VDD
Supply Voltage
8
Volt
Vg
Gate Voltage
-0.8
Volt
IDD
Bias Current Without RF
350
mA
IDRF
Current Supply @ P1dB
380
mA
PHOTO ENLARGEMENT


Similar Part No. - TC1952

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
   14 - 18 GHz LNA MMIC
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
   13.75 - 14.75 GHz 1W MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
   14 – 18 GHz 2W PA MMIC
More results

Similar Description - TC1952

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
   14 - 18 GHz LNA MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
   14 – 18 GHz 2W PA MMIC
logo
List of Unclassifed Man...
RMDA1840 ETC-RMDA1840 Datasheet
389Kb / 7P
   18-40 GHz Broad Band Driver Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC635 HITTITE-HMC635_09 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC635LC4 HITTITE-HMC635LC4 Datasheet
247Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC635LC4 HITTITE-HMC635LC4_10 Datasheet
958Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
logo
Fairchild Semiconductor
RMPA19000 FAIRCHILD-RMPA19000 Datasheet
232Kb / 8P
   18-22 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
   6 - 18 GHz 28dBm PA MMIC
logo
Analog Devices
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
   5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
logo
Hittite Microwave Corpo...
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com