Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1902 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TC1902
Description  6 - 18 GHz 28dBm PA MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1902 Datasheet(HTML) 1 Page - Transcom, Inc.

  TC1902 Datasheet HTML 1Page - Transcom, Inc. TC1902 Datasheet HTML 2Page - Transcom, Inc. TC1902 Datasheet HTML 3Page - Transcom, Inc. TC1902 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC1902
PRE.1_06/21/2006
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 4
-Preliminary-
6 – 18 GHz 28dBm PA MMIC
FEATURES
• P
1dB: 28 dBm
• Small Signal Gain: 12 dB
• Bias Condition: 450 mA @ 7 V
DESCRIPTION
The TC1902 is a two stages PHEMT high power amplifier MMIC that operates from 6 to 18 GHz. The
amplifier provides a typical 12 dB of gain and delivers 28 dBm of P1dB. The MMIC is fabricated using
Transcom’s proprietary matured GaAs PHEMT process. The process features full passivation for
increased performance and reliability. All devices are 100 % DC tested to assure consistent quality. Bond
pads are gold plated for either thermocompression or thermosonic wire bonding. Backside gold plating is
compatible with standard AuSn die-attach.
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
6
18
GHz
SSG
Small Signal Gain
12
dB
P1dB
Output Power at 1 dB Gain Compression
28
dBm
VSWR, IN
Input VSWR
2.5:1
-
VSWR, OUT
Output VSWR
3:1
-
VDD
Supply Voltage
7
Volt
Vg
Gate Voltage
-0.7
Volt
IDD
Current Supply without RF
450
mA
IDRF
Current Supply @ Pout = P1dB
470
mA
PHOTO ENLARGEMENT


Similar Part No. - TC1902

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
   30 KHz - 12 GHz MMIC
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
   30 KHz - 12 GHz MMIC
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
logo
SHENZHEN FUMAN ELECTRON...
TC1903A FUMAN-TC1903A Datasheet
319Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC1903Z FUMAN-TC1903Z Datasheet
368Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
More results

Similar Description - TC1902

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
   14 – 18 GHz 2W PA MMIC
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
logo
Excelics Semiconductor,...
EMP216 EXCELICS-EMP216 Datasheet
260Kb / 5P
   6 - 18 GHz 2 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
logo
Analog Devices
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
   GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
Rev. 0
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com