Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1901 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC1901
Description  2 - 20 GHz 20 dBm MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1901 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC1901 Datasheet HTML 1Page - Transcom, Inc. TC1901 Datasheet HTML 2Page - Transcom, Inc. TC1901 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC1901
REV1_20060911
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
- For 2-8GHz / 8-14GHz / 14-20GHz bands -
SYMBOL
DESCRIPTION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
2.0 - 8.0
8.0 - 14.0
14.0 - 20.0
GHz
SSG
Small Signal Gain
10
11.5
10
11.5
10.5
12
dB
GOF
Small Signal Gain Flatness
±0.5
±0.5
±0.5
dB
GOT
Gain Variation Over Temp.
0.01
0.02
0.01
0.02
0.01
0.02
dB/℃
NF
Noise Figure
3.75
3.75
3.75
dB
P-1dB
23.5
24.5
22.5
23.5
21.5
22.5
dBm
IP3
Third Order Intercept Point
32
31
30
dBm
VSWR, IN
Input VSWR
2:1
2:1
2:1
-
VSWR, OUT Output VSWR
2:1
2:1
2:1
-
VDD
Supply Voltage
8
8
8
Volt
IDD
Current Supply
250
250
250
mA
OTR
Operating Temp. Range
-45
85
-45
85
-45
85
MECHANICAL OUTLINE
Units: micrometer (inch)
Thickness: 76.2 (0.003)
Chip Size:
± 58 (0.002)


Similar Part No. - TC1901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
   30 KHz - 12 GHz MMIC
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
   30 KHz - 12 GHz MMIC
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
   6 - 18 GHz 28dBm PA MMIC
logo
SHENZHEN FUMAN ELECTRON...
TC1903A FUMAN-TC1903A Datasheet
319Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC1903Z FUMAN-TC1903Z Datasheet
368Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
More results

Similar Description - TC1901

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TM020-080-12-20 TRANSCOM-TM020-080-12-20 Datasheet
56Kb / 1P
   2 ~ 8 GHz 20 dBm Module
TM020-040-16-20 TRANSCOM-TM020-040-16-20 Datasheet
23Kb / 1P
   2 - 4 GHz 20 dBm Module
TM005-020-15-20 TRANSCOM-TM005-020-15-20 Datasheet
23Kb / 1P
   0.5 - 2 GHz 20 dBm Module
logo
Filtronic Compound Semi...
LML221 FILTRONIC-LML221 Datasheet
13Kb / 1P
   2-20 GHz MMIC Limiter
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
Transcom, Inc.
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
logo
Analog Devices
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
   20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
   20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
logo
Marki Microwave
MBAL-0220SM MARKIMICROWAVE-MBAL-0220SM Datasheet
482Kb / 7P
   Passive MMIC 2-20 GHz Surface Mount Balun
logo
Analog Devices
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
   20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com