Electronic Components Datasheet Search |
|
CA88 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
CA88 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 2 page • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 Cascadable Amplifier 5 to 500 MHz Rev. V3 A88 / SMA88 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC Parameter Units Typical Guaranteed 25ºC 0º to 50ºC -54º to +85ºC* Frequency MHz 2-500 5-500 5-500 Small Signal Gain (min) dB 18.0 17.5 17.0 Gain Flatness (max) dB ±0.3 ±0.5 ±0.7 Reverse Isolation dB 19 Noise Figure (max) dB 3.5 5.0 5.5 Power Output @ 1 dB comp. (min) dBm 20.5 19.5 19.0 IP3 dBm +30 IP2 dBm +38 Second Order Harmonic IP dBm +41 VSWR Input / Output (max) 1.5:1 / 1.5:1 1.8:1 / 1.8:1 2.0:1 / 2.0:1 DC Current @ 15 Volts (max) mA 79 83 87 Features • HIGH GAIN: 18.7 dB (TYP.) • HIGH OUTPUT POWER: +20.5 dBm (TYP.) • HIGH THIRD ORDER I.P.: +30 dBm (TYP.) Description The A88 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability. This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network is used for temperature-stable performance, in addition to an RF Choke, used for power supply decoupling. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available . Product Image Ordering Information Part Number Package A88 TO-8 SMA88 Surface Mount CA88 ** SMA Connectorized Absolute Maximum Ratings Parameter Absolute Maximum Storage Temperature -62ºC to +125ºC Case Temperature +125ºC DC Voltage +17 V Continuous Input Power +13 dBm Short Term Input power (1 minute max.) 100 mW Peak Power (3 µsec max.) 0.5 W “S” Series Burn-In Temperature (case) +125ºC Thermal Data: VCC = +15 VDC Parameter Rating Thermal Resistance θjc 120ºC/W Transistor Power Dissipation Pd 0.742 W Junction Temperature Rise Above Case Tjc 89ºC * Over temperature performance limits for part number CA88, guaranteed from 0oC to +50oC only. ** The connectorized version is not RoHs compliant. |
Similar Part No. - CA88 |
|
Similar Description - CA88 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |