Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8951B Datasheet(PDF) 5 Page - SyncMOS Technologies,Inc

Part # SM8951B
Description  8-Bits Micro-controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8951B Datasheet(HTML) 5 Page - SyncMOS Technologies,Inc

  SM8951B Datasheet HTML 1Page - SyncMOS Technologies,Inc SM8951B Datasheet HTML 2Page - SyncMOS Technologies,Inc SM8951B Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8951B Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8951B Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8951B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8951B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8951B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8951B Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SyncMOS Technologies International, Inc.
SM8951B
8-Bits Micro-controller
With4KBFlashROM&128bytesRAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M022Ver:BSM8951B
06/2009
5
Block Diagram
Timer 1
Timer 0
Stack
Pointer
Decoder &
Register
128
bytes RAM
Reset
Circuit
Power
Circuit
Interrupt
Circuit
Timing
Generator
RES
Vdd
Vss
to pertinent blocks
to whole chip
to pertinent blocks
to whole system
Acc
Buffer2
Buffer1
ALU
PSW
Buffer
DPTR
PC
Incrementer
Program
Counter
Register
4 K
bytes
Flash
Memory
Port 0
Latch
Port 1
Latch
Port 2
Latch
Port 3
Latch
Port 0
Driver & Mux
Port 1
Driver & Mux
Port 2
Driver & Mux
Port 3
Driver & Mux
88
8
8
WDT
Inst ruction
Regist er


Similar Part No. - SM8951B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results

Similar Description - SM8951B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
   8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
   8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com