Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM59D03G2 Datasheet(PDF) 11 Page - SyncMOS Technologies,Inc

Part # SM59D03G2
Description  8-Bits Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59D03G2 Datasheet(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM59D03G2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
SM59D03G2
8-Bits Micro-controller
8KB+ ISP Flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M030
11
Ver.C SM59D03G2 07/2009
1.3
12T/6T Selection
The conventional 52-series MCUs are 12T, i.e., 12 oscillator clocks per one machine cycle. If the
machine cycle is changed to 6 clocks, then this 6T mode will double the running speed of 12T’s with
the same oscillator source. 12T or 6T is configured in the information block. The figures given below
are an example to show the difference of 12T mode and 6T mode.
Fig 1-2(a):The signal waveform of external program (EA=0) in 12T mode
Fig 1-2(b):The signal waveform of external program (EA=0) in 6T mode
Since the execution speed in 6T is two times of that in 12T, in order for the easy explanation in the
later sections, here we define the terminology “system clock” or “system frequency” as:
System clock frequency(Fosc) = crystal(FCRY) or oscillator frequency in 6T, and
System clock frequency(Fosc) = crystal(FCRY) or oscillator frequency divided by 2 in 12T
Take a 16MHz oscillator as an example, the system clock frequency is 16MHz in 6T. But in 12T
mode, the system clock frequency is 8MHz.


Similar Part No. - SM59D03G2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
More results

Similar Description - SM59D03G2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
   8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com