Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA82-1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CA82-1
Description  Cascadable Amplifier 20 to 250 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA82-1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA82-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA82-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
20 to 250 MHz
Rev. V3
A82-1 / SMA82-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
10-300
20-250
20-250
Small Signal Gain (min)
dB
19.0
17.5
17.0
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
34
Noise Figure (max)
dB
2.8
3.5
4.0
Power Output
@ 1 dB comp. (min)
dBm
15.0
14.0
13.0
IP3
dBm
+26
IP2
dBm
+31
Second Order Harmonic IP
dBm
+36
VSWR Input / Output (max)
1.4:1 / 1.1:1
1.9:1 / 1.4:1
2.0:1 / 1.5:1
DC Current @ 15 Volts (max)
mA
50
52
54
Features
• HIGH REVERSE ISOLATION: >34 dB (TYP.)
• HIGH OUTPUT POWER: +15 dBm (TYP.)
• HIGH GAIN: 19.0 dB (TYP.)
• LOW OUTPUT VSWR: 1.1:1 (TYP.)
Description
The A82-1 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays
impressive performance over a broadband frequency range.
An isolation transformer is used in the feedback loop, with the
benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A82-1
TO-8
SMA82-1
Surface Mount
CA82-1**
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
144ºC/W
Transistor Power Dissipation Pd
0.273 W
Junction Temperature Rise
Above Case Tjc
39ºC
* Over temperature performance limits for part number CA82-1, guaranteed from 0oC to +50oC only.
**The connectorized version is not RoHs compliant.


Similar Part No. - CA82-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA82-1 MACOM-CA82-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
More results

Similar Description - CA82-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A82 MA-COM-A82_15 Datasheet
646Kb / 3P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82 MACOM-A82_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A81 MA-COM-A81 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A82-1 MACOM-A82-1 Datasheet
100Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com