Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCRO500630-5 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DCRO500630-5
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DCRO500630-5 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DCRO500630-5 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DCRO500630-5 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DCRO500630-5 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5000 - 6300 MHz
OPTIMIZED BANDWIDTH
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL: DCRO500630-5
FEATURES:
Exceptional Phase Noise Performance
Small Size, Surface Mount
Lead Free REL-PRO® Technology
Buffered Output
Phase Noise
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
4844.2MHz/0V
5623.3MHz/5V
5845.5MHz/7V
6299.7MHz/12V
SPECIFICATIONS (Rev. C 07/03/07)
Frequency
5000 - 6300 MHz
Tuning Voltage
See table below
Bias Voltage
+5 VDC @ 45 mA (Max)
Output Power
-2 dBm (Min)
Tuning Sensitivity
50 - 175 MHz/V (Typ)
Output Impedance
50 Ohms (Nom)
Harmonic Suppression
10 dB (Typ)
Frequency Pulling
15 MHz (Typ @ 1.75:1 VSWR)
Frequency Pushing
15 MHz/V (Typ)
Phase Noise @ 10 kHz
-77 dBc/Hz (Typ)
Operating Temperature Range
-20 to +70 °C
Guaranteed Tuning Specifications
Tuning Voltage ( V )
Frequency ( MHz )
0.5
5000 (Max)
5
5400 (Min)
8
5650 (Min)
12
5950 (Min)
15
6150 (Min)
18
6300 (Min)
Package #
278LF


Similar Part No. - DCRO500630-5

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCRO500620-5 SYNERGY-DCRO500620-5 Datasheet
291Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - DCRO500630-5

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com