Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT86SH328 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT86SH328
Description  SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH328 Datasheet(HTML) 4 Page - Exar Corporation

  XRT86SH328_2 Datasheet HTML 1Page - Exar Corporation XRT86SH328_2 Datasheet HTML 2Page - Exar Corporation XRT86SH328_2 Datasheet HTML 3Page - Exar Corporation XRT86SH328_2 Datasheet HTML 4Page - Exar Corporation XRT86SH328_2 Datasheet HTML 5Page - Exar Corporation XRT86SH328_2 Datasheet HTML 6Page - Exar Corporation XRT86SH328_2 Datasheet HTML 7Page - Exar Corporation XRT86SH328_2 Datasheet HTML 8Page - Exar Corporation XRT86SH328_2 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 159 page
background image
XRT86SH328
4
SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
REV. 1.0.1
PRBS, QRSS, and Network Loop Code generation and detection
Each framer block encodes and decodes the T1 Frame serial data
Detects and forces Red (SAI), Yellow (RAI) and Blue (AIS) Alarms
Detects OOF, LOF, LOS errors and COFA conditions
Loopbacks: Local (LLB) and Line remote (LB)
Performance monitor with one second polling
Accepts external 8kHz Sync reference
E1 Framing Synchronizer
Forty-Two independent, full duplex E1 Tx and Rx Framer/LIUs
Two 512-bit (two-frame) elastic store, PCM frame slip buffers (FIFO) on TX and Rx
Supports Channel Associated Signaling (CAS)
Supports Common Channel Signalling (CCS)
Supports ISDN Primary Rate Interface (ISDN PRI) signaling
Integrated HDLC controller per channel for transmit and receive, each controller having two 64-byte buffers
(buffer 0 / buffer 1)
HDLC Controllers Support SS7
Timeslot assignable HDLC
V5.1 or V5.2 Interface
Automatic Performance Report Generation (PMON Status) can be inserted into the transmit LAPD interface
every 1 second or for a single transmission
Alarm Indication Signal with Customer Installation signature (AIS-CI)
Remote Alarm Indication with Customer Installation (RAI-CI)
Gapped Clock interface mode for Transmit and Receive.
Parallel search algorithm for fast frame synchronization
Direct access to D and E channels for fast transmission of data link information
PRBS, QRSS, and Network Loop Code generation and detection
Each framer block encodes and decodes the E1 Frame serial data
Detects and forces Red (SAI), Yellow (RAI) and Blue (AIS) Alarms
Detects OOF, LOF, LOS errors and COFA conditions
Loopbacks: Local (LLB) and Line remote (LB)
Performance monitor with one second polling
Accepts external 8kHz Sync reference


Similar Part No. - XRT86SH328_2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
521Kb / 119P
   VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
More results

Similar Description - XRT86SH328_2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP1181 ETC-CP1181 Datasheet
148Kb / 3P
   21 Channel E1/T1 Mapper
Rev1.0 March, 2005
logo
Exar Corporation
XRT86SH221 EXAR-XRT86SH221_08 Datasheet
2Mb / 357P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH221 EXAR-XRT86SH221 Datasheet
2Mb / 353P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328 EXAR-XRT86SH328_07 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
logo
Maxim Integrated Produc...
DS33R11 MAXIM-DS33R11 Datasheet
2Mb / 338P
   Ethernet Mapper with Integrated T1/E1/J1 Transceiver
REV: 072105
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
   TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
   TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_08 Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
424Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 101508
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com