Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75R12IB Datasheet(PDF) 76 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 76 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 72Page - Exar Corporation XRT75R12IB Datasheet HTML 73Page - Exar Corporation XRT75R12IB Datasheet HTML 74Page - Exar Corporation XRT75R12IB Datasheet HTML 75Page - Exar Corporation XRT75R12IB Datasheet HTML 76Page - Exar Corporation XRT75R12IB Datasheet HTML 77Page - Exar Corporation XRT75R12IB Datasheet HTML 78Page - Exar Corporation XRT75R12IB Datasheet HTML 79Page - Exar Corporation XRT75R12IB Datasheet HTML 80Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
XRT75R12
73
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
TABLE 35: XRT75R12 REGISTER MAP SHOWING TRANSMIT CONTROL REGISTERS (TC_n)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Internal
Transmit
Drive Monitor
Insert PRBS
Error
Reserved
TAOS
TxCLKINV
TxLEV
R/W
R/W
R/W
R/W
R/W
TABLE 36: TRANSMIT CONTROL REGISTER - CHANNEL n ADDRESS LOCATION = 0XM4
(n = [0:11] & M= 0-5 & 8-D)
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 6
Reserved
5
Internal Transmit
Drive Monitor
Enable
R/W
Internal Transmit Drive Monitor Enable - Channel_n:
This READ/WRITE bit-field is used to configure the Transmit Section of
Channel_n to either internally or externally monitor the TTIP_n and
TRING_n output pins for bipolar pulses, in order to determine whether to
declare the Transmit DMO Alarm condition.
If the user configures the Transmit Section to externally monitor the TTIP_n
and TRING_n output pins (for bipolar pulses) then the user must connect
the MTIP_n and MRING_n input pins to their corresponding TTIP_n and
TRING_n output pins (via a 270 ohm series resistor).
If the user configures the Transmit Section to internally monitor the TTIP_n
and TRING_n output pins (for bipolar pulses), the user does NOT need to
conect the MTIP_n and MRING_n input pins. This monitoring will be per-
formed internally at the TTIP_n and TRING_n pads.
0 - Configures the Transmit Drive Monitor to externally monitor the TTIP_n
and TRING_n output pins for bipolar pulses.
1 - Configures the Transmit Drive Monitor to internally monitor the TTIP_n
and TRING_n output pins for bipolar pulses.
4
Insert PRBS Error
R/W
Insert PRBS Error - Channel_n:
A "0 to 1" transition within this bit-field causes the PRBS Generator (within
the Transmit Section of Channel_n) to generate a single bit error within the
outbound PRBS pattern-stream.
NOTES:
1.
This bit-field is only active if the PRBS Generator and Receiver
have been enabled within the corresponding Channel.
2.
After writing the "1" into this register, the user must execute a write
operation to clear this particular register bit to "0" in order to
facilitate the next "0 to 1" transition in this bit-field.
3
Reserved


Similar Part No. - XRT75R12IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12IB EXAR-XRT75R12IB Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12IB EXAR-XRT75R12IB Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12IB-L EXAR-XRT75R12IB-L Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12IBL EXAR-XRT75R12IBL Datasheet
171Kb / 2P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRT75R12IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com