Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75R12IB Datasheet(PDF) 50 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 50 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 46Page - Exar Corporation XRT75R12IB Datasheet HTML 47Page - Exar Corporation XRT75R12IB Datasheet HTML 48Page - Exar Corporation XRT75R12IB Datasheet HTML 49Page - Exar Corporation XRT75R12IB Datasheet HTML 50Page - Exar Corporation XRT75R12IB Datasheet HTML 51Page - Exar Corporation XRT75R12IB Datasheet HTML 52Page - Exar Corporation XRT75R12IB Datasheet HTML 53Page - Exar Corporation XRT75R12IB Datasheet HTML 54Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
XRT75R12
47
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
5. After the µP toggles the Write signal "Low", the LIU will toggle the RDY output pin "Low". The LIU does this
to inform the µP that the data has been written into the internal register location, and that it is ready for the
next command.
6. The CS input pin must be pulled "High" before a new command can be issued.
FIGURE 35. ASYNCHRONOUS µP INTERFACE SIGNALS DURING PROGRAMMED I/O READ AND WRITE OPERATIONS
TABLE 15: ASYNCHRONOUS TIMING SPECIFICATIONS
SYMBOL
PARAMETER
MIN
MAX
UNITS
t0
Valid Address to CS Falling Edge
0
-
ns
t1
CS Falling Edge to RD Assert
0
-
ns
t2
RD Assert to RDY Assert
-
65
ns
NA
RD Pulse Width (t2)
70
-
ns
t3
CS Falling Edge to WR Assert
0
-
ns
t4
WR Assert to RDY Assert
-
65
ns
NA
WR Pulse Width (t4)
70
-
ns
CS
Addr[7:0]
D[7:0]
RD
WR
RDY
Valid Data for Readback
Data Available to Write Into the LIU
READ OPERATION
WRITE OPERATION
t
0
t
0
t
1
t
4
t
2
t
3
Valid Address
Valid Address


Similar Part No. - XRT75R12IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12IB EXAR-XRT75R12IB Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12IB EXAR-XRT75R12IB Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12IB-L EXAR-XRT75R12IB-L Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12IBL EXAR-XRT75R12IBL Datasheet
171Kb / 2P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRT75R12IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com