Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRS10L220 Datasheet(PDF) 33 Page - Exar Corporation

Part # XRS10L220
Description  SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L220 Datasheet(HTML) 33 Page - Exar Corporation

Back Button XRS10L220 Datasheet HTML 29Page - Exar Corporation XRS10L220 Datasheet HTML 30Page - Exar Corporation XRS10L220 Datasheet HTML 31Page - Exar Corporation XRS10L220 Datasheet HTML 32Page - Exar Corporation XRS10L220 Datasheet HTML 33Page - Exar Corporation XRS10L220 Datasheet HTML 34Page - Exar Corporation XRS10L220 Datasheet HTML 35Page - Exar Corporation XRS10L220 Datasheet HTML 36Page - Exar Corporation XRS10L220 Datasheet HTML 37Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
EXSTOR - 1 XRS10L220
33
REV. 1.02
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
SError register SCR(1) -
The Serial ATA interface Error register - SError - is a 32-bit register that conveys supplemental Interface error
information to complement the error information available in the Shadow Register Block Error register. The
register represents all the detected errors accumulated since the last time the SError register was cleared
(whether recovered by the interface of not). Set bits in the error register are explicitly cleared by a write
operation to the SError register, or a reset operation. The value written to clear set error bits shall have 1’s
encoded in the bit positions corresponding to the bits that are to be cleared. Host software should clear the
Interface SError register at appropriate checkpoints in order to best isolate error conditions and the commands
they impact.
Bits [31:16] DIAG
The DIAG field contains diagnostic error information for use by diagnostic software in validating correct
operation or isolating failure modes. The field is bit significant as defined in the following figure.
A
Port Selector presence detected: This bit is set to one when COMWAKE is received while the host is
in state HP2: HR_AwaitCOMINIT. On power-up reset this bit is cleared to zero. The bit is cleared to zero when
the host writes a one to this bit location.
B
10b to 8b Decode error: When set to a one, this bit indicates that one or more 10b to 8b decoding
errors occurred since the bit was last cleared to zero.
C
CRC Error: When set to one, this bit indicates that one or more CRC errors occurred with the Link
layer since the bit was last cleared to zero.
D
Disparity Error: When set to one, this bit indicates that incorrect disparity was detected one or more
times since the last time the bit was cleared to zero.
F
Unrecognized FIS type: When set to one, this bit indicates that since the bit was last cleared one or
more FISes were received by the Transport layer with good CRC, but had atype field that was not recognized.
I
Phy Internal Error: When set to one, this bit indicates that the Phy detected some internal error since
the last time this bit was cleared to zero.
N
PHYRDY change: When set to one, this bit indicates that the PHYRDY signal changed state since the
last time this bit was cleared to zero.
H
Handshake error: When set to one, this bit indicates that one or more R_ERRPhandshake response
was received in response to frame transmission. Such errors may be the result of a CRC error detected by the
recipient, a disparity or 10b/8b decoding error, or other error condition leading to a negative handshake on a
transmitted frame.
R
Reserved bit for future use: Shall be cleared to zero.
S
Link Sequence Error: When set to one, this bit indicates that one or more Link state machine error
conditions was encountered since the last time this bit was cleared to zero. The Link layer state machine
defines the conditions under which the link layer detects an erroneous transition.
T
Transport state transition error: When set to one, this bit indicates that an error has occurred in the
transition from one state to another within the Transport layer since the last time this bit was cleared to zero.
W
COMWAKE Detected: When set to one this bit indicates that a COMWAKE signal was detected by the
Phy since the last time this bit was cleared to zero.
X
Exchanged: When set to one this bit indicates that device presence has changed since the last time
this bit was cleared to zero. The means by which the implementation determines that the device presence has
changed is vendor specific. This bit may be set to one anytime a Phy reset initialization sequence occurs as
determined by reception of the COMINIT signal whether in response to a new device being inserted, in
response to a COMRESET having been issued, or in response to power-up.
DIAG
R
R
R
R
A
X
F
T
S
H
C
D
B
W
I
N


Similar Part No. - XRS10L220

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL EXAR-XRS10L210IL Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL-F EXAR-XRS10L210IL-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV EXAR-XRS10L210IV Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV-F EXAR-XRS10L210IV-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
More results

Similar Description - XRS10L220

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L140 EXAR-XRS10L140 Datasheet
426Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120_09 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
   Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
   Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
   Serial ATA II standard interface; Serial ATA Standard III
logo
Silicon image
SII3726 SILICONIMAGE-SII3726 Datasheet
356Kb / 41P
   SATA Port Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com