Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7620IH-F Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP7620IH-F
Description  4-Channel Adjustable Current I2C Controlled LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7620IH-F Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP7620IH-F Datasheet HTML 3Page - Exar Corporation XRP7620IH-F Datasheet HTML 4Page - Exar Corporation XRP7620IH-F Datasheet HTML 5Page - Exar Corporation XRP7620IH-F Datasheet HTML 6Page - Exar Corporation XRP7620IH-F Datasheet HTML 7Page - Exar Corporation XRP7620IH-F Datasheet HTML 8Page - Exar Corporation XRP7620IH-F Datasheet HTML 9Page - Exar Corporation XRP7620IH-F Datasheet HTML 10Page - Exar Corporation XRP7620IH-F Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
X
XR
RP
P7
76
62
20
0
4
4--C
Ch
ha
an
nn
ne
ell A
Ad
djju
us
stta
ab
blle
e C
Cu
urrrre
en
ntt II2
2C
C C
Co
on
nttrro
olllle
ed
d L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
7/11
Rev. 1.0.0
Fig. 11: Line Regulation @ TA = 25oC
DAC = 111100 (30mA)
Fig. 12: Line Regulation @ TA = -40oC
DAC = 111100 (30mA)
Fig. 13: Line Regulation @ TA = 85oC
DAC = 111100 (30mA)
Fig. 14: Line Regulation @ TA = 25oC
DAC = 001010 (5mA)
Fig. 15: Line Regulation @ TA = -40oC
DAC = 001010 (5mA)
Fig. 16: Line Regulation @ TA = 85oC
DAC = 001010 (5mA)


Similar Part No. - XRP7620IH-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7604 EXAR-XRP7604 Datasheet
455Kb / 13P
   1A 29V Non-Sync. Buck High Power LED Driver
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618EVB EXAR-XRP7618EVB Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results

Similar Description - XRP7620IH-F

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
   Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
   Adjustable Constant Current LED Driver
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
   LED constant current adjustable driver
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
logo
ON Semiconductor
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com