Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6742MRSY Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # SG6742MRSY
Description  Highly Integrated Green-Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6742MRSY Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button SG6742MRSY Datasheet HTML 5Page - Fairchild Semiconductor SG6742MRSY Datasheet HTML 6Page - Fairchild Semiconductor SG6742MRSY Datasheet HTML 7Page - Fairchild Semiconductor SG6742MRSY Datasheet HTML 8Page - Fairchild Semiconductor SG6742MRSY Datasheet HTML 9Page - Fairchild Semiconductor SG6742MRSY Datasheet HTML 10Page - Fairchild Semiconductor SG6742MRSY Datasheet HTML 11Page - Fairchild Semiconductor SG6742MRSY Datasheet HTML 12Page - Fairchild Semiconductor SG6742MRSY Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6742ML/MR • Rev. 1.0.4
10
Functional Description (Continued)
Limited Power Control
The FB voltage increases every time the output of the
power supply is shorted or overloaded. If the FB voltage
remains higher than a built-in threshold for longer than
tD-OLP, PWM output is turned off. As PWM output is
turned off, VDD begins decreasing.
When VDD goes below the turn-off threshold (~9.5V) the
controller is totally shut down. VDD is charged up to the
turn-on threshold voltage of 15.5V through the startup
resistor until PWM output is restarted. This protection
feature continues as long as the overloading condition
persists. This prevents the power supply from
overheating due to overloading conditions. When VRT is
less than 1.05V (VRTTH1), the PWM is turned off after
12ms (tD-OTP1). If VRT is less than 0.7V (VRTTH2), PWM is
turned off after 100µs (tD-OTP2).
Noise Immunity
Noise on the current sense or control signal may cause
significant pulse-width jitter, particularly in continuous-
conduction mode. Slope compensation helps alleviate
this problem. Good placement and layout practices
should be followed. Avoiding long PCB traces and
component leads, locating compensation and filter
components near the SG6742ML/MR, and increasing
the power MOS gate resistance improve performance.


Similar Part No. - SG6742MRSY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6742MR FAIRCHILD-SG6742MR Datasheet
325Kb / 8P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6742MRSY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com