Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXL3SD206 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FXL3SD206
Description  Level Shifting Voltage Translator Two-Port SDIO MUX/DEMUX with Three Configurable Power Supplies for SDIO Device Port Expansion
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL3SD206 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FXL3SD206 Datasheet HTML 7Page - Fairchild Semiconductor FXL3SD206 Datasheet HTML 8Page - Fairchild Semiconductor FXL3SD206 Datasheet HTML 9Page - Fairchild Semiconductor FXL3SD206 Datasheet HTML 10Page - Fairchild Semiconductor FXL3SD206 Datasheet HTML 11Page - Fairchild Semiconductor FXL3SD206 Datasheet HTML 12Page - Fairchild Semiconductor FXL3SD206 Datasheet HTML 13Page - Fairchild Semiconductor FXL3SD206 Datasheet HTML 14Page - Fairchild Semiconductor FXL3SD206 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXL3SD206 • Rev. 1.0.0
11
Maximum Data Rate
(16)
TA=-40°C to 85°C.
VDD_n=2.8V to 3.6V
VDD_n=2.3V to 2.7V VDD_n=1.65V to 1.95V
VDD_A
Direction
Min.
Min.
Min.
Units
A to B/C
100
100
80
VDD_A=2.8 to 3.6V
B/C to A
100
100
80
Mbps
A to B/C
100
100
80
VDD_A=2.3 to 2.7V
B/C to A
100
100
80
Mbps
A to B/C
80
80
60
VDD_A=1.65 to 1.95V
B/C to A
80
80
60
Mbps
Note:
16. Maximum Data Rate is specified in megabits per second. See Figure 11. It is equivalent to two times the fTOGGLE
frequency, specified in megahertz. For example, 100Mbps is equivalent to 50MHZ.
Capacitance
TA=+25°C.
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
Control Pins (OE, VDD_SEL, CH_SEL)
VDD_CON=GND
4.0
pF
Dn_A, CMD_A,CLK_A
5.0
CI/O
Input/Output
Capacitance Dn_BC, CMD_B, CMD_C, CLK_BC
VDD_A=VDD_n=3.3V, OE=VDD_A,
CH_SEL=VDD_A or GND
6.5
pF
CPD
Power Dissipation Capacitance
VDD_A=VDD_n=3.3V, VI=0V or
VDD, f=10MHZ
25
pF


Similar Part No. - FXL3SD206

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL2SD106 FAIRCHILD-FXL2SD106 Datasheet
520Kb / 14P
   Low Voltage Dual Supply 6-Bit SD Interface Voltage Translator with Configurable Voltage Supplies
logo
ON Semiconductor
FXL2SD106 ONSEMI-FXL2SD106 Datasheet
598Kb / 13P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator
June 2011 Rev. 1.8.1
logo
Fairchild Semiconductor
FXL2SD106BQX FAIRCHILD-FXL2SD106BQX Datasheet
520Kb / 14P
   Low Voltage Dual Supply 6-Bit SD Interface Voltage Translator with Configurable Voltage Supplies
logo
ON Semiconductor
FXL2SD106BQX ONSEMI-FXL2SD106BQX Datasheet
598Kb / 13P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator
June 2011 Rev. 1.8.1
logo
Fairchild Semiconductor
FXL2SD106BQX FAIRCHILD-FXL2SD106BQX_11 Datasheet
294Kb / 11P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator with Auto-Direction Sensing
More results

Similar Description - FXL3SD206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS02612 TI-TXS02612 Datasheet
627Kb / 22P
[Old version datasheet]   SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
TXS02612 TI-TXS02612_10 Datasheet
608Kb / 24P
[Old version datasheet]   SDIO PORT EXANDER WITH VOLTAGE-LEVEL TRANSLATION
logo
Axiomtek Co., Ltd.
PICO820 AXIOMTEK-PICO820 Datasheet
277Kb / 1P
   1 SDIO port
logo
ON Semiconductor
FSSD06 ONSEMI-FSSD06 Datasheet
549Kb / 15P
   SD/SDIO and MMC Two-Port Multiplexer
March 2012 Rev. 1.0.5
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
   SD/SDIO and MMC Two-Port Multiplexer
FSSD06 FAIRCHILD-FSSD06_12 Datasheet
575Kb / 14P
   SD/SDIO and MMC Two-Port Multiplexer
FSSD06 FAIRCHILD-FSSD06_08 Datasheet
954Kb / 14P
   SD/SDIO and MMC Two-Port Multiplexer
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
   Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com