Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBB20CH60CT Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSBB20CH60CT
Description  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60CT Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSBB20CH60CT Datasheet HTML 5Page - Fairchild Semiconductor FSBB20CH60CT Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60CT Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60CT Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60CT Datasheet HTML 9Page - Fairchild Semiconductor FSBB20CH60CT Datasheet HTML 10Page - Fairchild Semiconductor FSBB20CH60CT Datasheet HTML 11Page - Fairchild Semiconductor FSBB20CH60CT Datasheet HTML 12Page - Fairchild Semiconductor FSBB20CH60CT Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
www.fairchildsemi.com
FSBB20CH60CT Rev. C
Mechanical Characteristics and Ratings
Figure 7. Flatness Measurement Position
Package Marking and Ordering Information
Parameter
Conditions
Limits
Units
Min.
Typ.
Max.
Mounting Torque
Mounting Screw: - M3
Recommended 0.62N•m
0.51
0.62
0.80
N•m
Device Flatness
Note Figure 5
0
-
+120
μm
Weight
-
15.00
-
g
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FSBB20CH60BT
FSBB20CH60BT
SPM27-CC
-
-
10
( + )
( + )
( + )
( + )


Similar Part No. - FSBB20CH60CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSBB20CH60CT ONSEMI-FSBB20CH60CT Datasheet
586Kb / 16P
   Motion SPM 3 Series
January 2014 Rev. C3
More results

Similar Description - FSBB20CH60CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com