Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHL-PA50-S13NA-FG Datasheet(PDF) 3 Page - DDK Ltd.

Part # DHL-PA50-S13NA-FG
Description  1.27mm Pitch Stacking Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DHL-PA50-S13NA-FG Datasheet(HTML) 3 Page - DDK Ltd.

  DHL-PA50-S13NA-FG Datasheet HTML 1Page - DDK Ltd. DHL-PA50-S13NA-FG Datasheet HTML 2Page - DDK Ltd. DHL-PA50-S13NA-FG Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
http://www.ddknet.co.jp
Unit:mm
DHL Series
○ Receptacle Connector
3
DHL-RA □□ -S131AA-FG
Number of Contact
40, 50
Part Number
Number of
Contact
A
BC
D
E
F
DHL-RA40-S131 □ A-FG
40
24.13
26.20
32.40
33.70
27.13
29.90
DHL-RA50-S131 □ A-FG
50
30.48
32.55
38.75
40.05
33.48
36.25
40
B
B
C
D
1.27
0.40
No.1 Contact
No.(n) Contact
DDK
E
4.80
7.00
Connector Outside Line
F±0.10
E±0.05
A±0.05
0.80±0.05
1.27±0.05
2.40±0.10
1.385±0.05
1.50±0.03
φ1.20±0.05
No.1 Contact
PCB Mounting Dimensions
(View from Mounting Side) 
No.(n) Contact
φ0.80±0.05


Similar Part No. - DHL-PA50-S13NA-FG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DHL-5R5D104T ETC2-DHL-5R5D104T Datasheet
115Kb / 1P
   5.5V Wide Temperature Range capacitors
DHL-5R5D105T ETC2-DHL-5R5D105T Datasheet
115Kb / 1P
   5.5V Wide Temperature Range capacitors
DHL-5R5D224T ETC2-DHL-5R5D224T Datasheet
115Kb / 1P
   5.5V Wide Temperature Range capacitors
DHL-5R5D473T ETC2-DHL-5R5D473T Datasheet
115Kb / 1P
   5.5V Wide Temperature Range capacitors
DHL-5R5D474T ETC2-DHL-5R5D474T Datasheet
115Kb / 1P
   5.5V Wide Temperature Range capacitors
More results

Similar Description - DHL-PA50-S13NA-FG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DFM-PA080-S931-345-FA DDK-DFM-PA080-S931-345-FA Datasheet
290Kb / 3P
   0.635??Pitch Stacking Shielded Connector
logo
Hirose Electric
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
logo
SUYIN USA, INC.
127226MS SUYIN-USA-127226MS Datasheet
219Kb / 1P
   1.27mm PITCH PCI CONNECTOR
logo
AVX Corporation
24-8005-502-100-867 AVX-24-8005-502-100-867 Datasheet
181Kb / 2P
   1.27mm-pitch Micro Connector
logo
TE Connectivity Ltd
108-2411 TEC-108-2411 Datasheet
1Mb / 6P
   MEZALOK* Stacking Connector System
logo
Hirose Electric
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
logo
Harwin Plc
M55-7001242R HARWIN-M55-7001242R Datasheet
214Kb / 3P
   1.27mm PITCH VERTICAL MALE CONNECTOR
logo
Hirose Electric
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
logo
Harwin Plc
M55-6101242R HARWIN-M55-6101242R Datasheet
164Kb / 2P
   1.27mm PITCH HORIZONTIAL FEMALE CONNECTOR
M55-7101242R HARWIN-M55-7101242R Datasheet
156Kb / 2P
   1.27mm PITCH HORIZONTAL MALE CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com