Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFW-RAV20-148-3A Datasheet(PDF) 2 Page - DDK Ltd.

Part # DFW-RAV20-148-3A
Description  0.6mm Pitch Floating Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DFW-RAV20-148-3A Datasheet(HTML) 2 Page - DDK Ltd.

  DFW-RAV20-148-3A Datasheet HTML 1Page - DDK Ltd. DFW-RAV20-148-3A Datasheet HTML 2Page - DDK Ltd. DFW-RAV20-148-3A Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit:mm
DFW Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ Plug Connector
2
Part Number
Number of
Contact
ABC
D
E
F
G
H
J
DFW-PAV020- □□□ -3A
20
18.67
16.80
13.10
9.26
5.40
14.70
7.60
10.00
15.67
DFW-PAV040- □□□ -3A
40
24.67
22.80
19.10
15.26
11.40
20.70
13.60
16.00
21.67
DFW-PAV060- □□□ -3A
60
30.67
28.80
25.10
21.26
17.40
26.70
19.60
22.00
27.67
DFW-PAV080- □□□ -3A
80
36.67
34.80
31.10
27.26
23.40
32.70
25.60
28.00
33.67
DFW-PAV100- □□□ -3A
100
42.67
40.80
37.10
33.26
29.40
38.70
31.60
34.00
39.67
DFW-PAV120- □□□ -3A
120
48.67
46.80
43.10
39.26
35.40
44.70
37.60
40.00
45.67
DFW-PAV140- □□□ -3A
140
54.67
52.80
49.10
45.26
41.40
50.70
43.60
46.00
51.67
DFW-PAV160- □□□ -3A
160
60.67
58.80
55.10
51.26
47.40
56.70
49.60
52.00
57.67
DFW-PAV100-98-3A
Package Style
 A:Tray Packing
Contact Plating
 3:Au over Ni Plating
Connector Height
F
G
A
A
E
B
D
C
A
0.60
(E)
2.30
H
0.50
0.25
6.1
6.50
Lot No.
φ1.00
Section A-A
Connector Mounting Side
Recommended PCB Mounting Dimensions
2.000.05
E0.03
H0.05
J0.05
0.400.03
0.600.03
2.840.05
Plug
Receptacle
DFW-PAV□□□-□□□-□□
DFW-RAV□□□-□□□-□□
DFW Series Stacking Height
Plug Connector
Receptacle Connector
Stacking Height
PArt Number
K
Part Number
L
M
DFW-PAV □□□ -98-3A
9.8
DFW-RAV □□□ -078-3A
7.80
13.00
DFW-RAV □□□ -088-3A
8.80
14.00
DFW-RAV □□□ -098-3A
9.80
15.00
DFW-RAV □□□ -108-3A
10.80
16.00
DFW-RAV □□□ -118-3A
11.80
17.00
DFW-RAV □□□ -128-3A
12.80
18.00
DFW-RAV □□□ -138-3A
13.80
19.00
DFW-RAV □□□ -148-3A
14.80
20.00
DFW-PAV □□□ -148-3A
14.8
DFW-RAV □□□ -078-3A
7.80
18.00
DFW-RAV □□□ -088-3A
8.80
19.00
DFW-RAV □□□ -098-3A
9.80
20.00
DFW-RAV □□□ -108-3A
10.80
21.00
DFW-RAV □□□ -118-3A
11.80
22.00
DFW-RAV □□□ -128-3A
12.80
23.00
DFW-RAV □□□ -138-3A
13.80
24.00
DFW-RAV □□□ -148-3A
14.80
25.00
Connector Height
Dimensions
Contact Number
20, 40, 60, 80, 100, 120, 140, 160


Similar Part No. - DFW-RAV20-148-3A

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DFW-B02 ADAM-TECH-DFW-B02 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-B03 ADAM-TECH-DFW-B03 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-B04 ADAM-TECH-DFW-B04 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-C02 ADAM-TECH-DFW-C02 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-C03 ADAM-TECH-DFW-C03 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
More results

Similar Description - DFW-RAV20-148-3A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PML-PP2-85-SO-CF DDK-PML-PP2-85-SO-CF Datasheet
948Kb / 3P
   Floating Coaxial Connector
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Tyco Electronics
6123215-1 MACOM-6123215-1 Datasheet
226Kb / 2P
   HARD TRAY ASSY 0.6mm PITCH CARD DGE CONNECTOR
logo
Hirose Electric
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
DDK Ltd.
PML DDK-PML Datasheet
947Kb / 3P
   Floating Coaxial Connector
logo
Tyco Electronics
1652263 MACOM-1652263 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6mm PITCH 204POS
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com