Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFW-PAV120-98-3A Datasheet(PDF) 3 Page - DDK Ltd.

Part # DFW-PAV120-98-3A
Description  0.6mm Pitch Floating Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DFW-PAV120-98-3A Datasheet(HTML) 3 Page - DDK Ltd.

  DFW-PAV120-98-3A Datasheet HTML 1Page - DDK Ltd. DFW-PAV120-98-3A Datasheet HTML 2Page - DDK Ltd. DFW-PAV120-98-3A Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit:mm
DFW Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ Receptacle Connector
3
DFW-RAV100-148-3A
Part Number
Number of
Contact
ABC
D
E
F
DFW-RAV020- □□□ -3A
20
15.00
13.50
5.40
11.00
9.30
12.10
DFW-RAV040- □□□ -3A
40
21.00
19.50
11.40
17.00
15.30
18.10
DFW-RAV060- □□□ -3A
60
27.00
25.50
17.40
23.00
21.30
24.10
DFW-RAV080- □□□ -3A
80
33.00
31.50
23.40
29.00
27.30
30.10
DFW-RAV100- □□□ -3A
100
39.00
37.50
29.40
35.00
33.30
36.10
DFW-RAV120- □□□ -3A
120
45.00
43.00
35.40
41.00
39.30
42.10
DFW-RAV140- □□□ -3A
140
51.00
49.50
41.40
47.00
45.30
48.10
DFW-RAV160- □□□ -3A
160
57.00
55.50
47.40
53.00
51.30
54.10
Plug Connector
Receptacle Connector
Stacking Height
Part Number
G
Part Number
H
J
DFW-PAV □□□ -98-3A
9.8
DFW-RAV □□□ -078-3A
7.80
13.00
DFW-RAV □□□ -088-3A
8.80
14.00
DFW-RAV □□□ -098-3A
9.80
15.00
DFW-RAV □□□ -108-3A
10.80
16.00
DFW-RAV □□□ -118-3A
11.80
17.00
DFW-RAV □□□ -128-3A
12.80
18.00
DFW-RAV □□□ -138-3A
13.80
19.00
DFW-RAV □□□ -148-3A
14.80
20.00
DFW-PAV □□□ -148-3A
14.8
DFW-RAV □□□ -078-3A
7.80
18.00
DFW-RAV □□□ -088-3A
8.80
19.00
DFW-RAV □□□ -098-3A
9.80
20.00
DFW-RAV □□□ -108-3A
10.80
21.00
DFW-RAV □□□ -118-3A
11.80
22.00
DFW-RAV □□□ -128-3A
12.80
23.00
DFW-RAV □□□ -138-3A
13.80
24.00
DFW-RAV □□□ -148-3A
14.80
25.00
D
A
A
C
B
A
0.60
1.95
E
0.25
0.50
5.50
6.50
3.00
Section A-A
(C)
Lot No.
φ1.00
Recommended PCB Mounting Dimensions
Connector Mounting Side
F0.05
E0.05
C0.03
0.600.03
0.400.03
2.000.05
Plug
Receptacle
DFW-PAV□□□-□□□-□□
DFW-RAV□□□-□□□-□□
Connector Height
Number of Contact
20, 40, 60, 80, 100, 120, 140, 160
Package Style
 A:Tray Packing
Contact Plating
 3:Au over Ni Plating
Connector Height
DFW Series Stacking Height
Dimensions


Similar Part No. - DFW-PAV120-98-3A

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DFW-B02 ADAM-TECH-DFW-B02 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-B03 ADAM-TECH-DFW-B03 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-B04 ADAM-TECH-DFW-B04 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-C02 ADAM-TECH-DFW-C02 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-C03 ADAM-TECH-DFW-C03 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
More results

Similar Description - DFW-PAV120-98-3A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PML-PP2-85-SO-CF DDK-PML-PP2-85-SO-CF Datasheet
948Kb / 3P
   Floating Coaxial Connector
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Tyco Electronics
6123215-1 MACOM-6123215-1 Datasheet
226Kb / 2P
   HARD TRAY ASSY 0.6mm PITCH CARD DGE CONNECTOR
logo
Hirose Electric
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
DDK Ltd.
PML DDK-PML Datasheet
947Kb / 3P
   Floating Coaxial Connector
logo
Tyco Electronics
1652263 MACOM-1652263 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6mm PITCH 204POS
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com