Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFJ-RC100-S831104D Datasheet(PDF) 3 Page - DDK Ltd.

Part # DFJ-RC100-S831104D
Description  DFJ-PC020-S931080D
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DFJ-RC100-S831104D Datasheet(HTML) 3 Page - DDK Ltd.

  DFJ-RC100-S831104D Datasheet HTML 1Page - DDK Ltd. DFJ-RC100-S831104D Datasheet HTML 2Page - DDK Ltd. DFJ-RC100-S831104D Datasheet HTML 3Page - DDK Ltd. DFJ-RC100-S831104D Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Unit:mm
http://www.ddknet.co.jp
DFJ Series
3
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ Receptacle Connector
DFJ-RC030-S831104D(M)-FA
DDK THAILAND A
φ0.70 0.05
φ1.10 0.05
C 0.10
F 0.30
1.40 0.25
A
B 0.10
0.80
0.30
0.65
E
W
W
Lock
Lock
Adsorption Cap Mounting Dimensions
10.00
A
      (PCB Mounting Dimensions)  
 (View from Mounting Side)
0.50
+0.05
0
0.80 0.03
B 0.05
2.40 0.10
2.50 0.03
D 0.10
C 0.05
φ1.20
+0.05
0
φ0.80
+0.05
0
Part Number
Number
of
Contact
ABC
D
E
F
DFJ-RC020-S831 □□□□ (M)-FA
20
15.3
7.2
12.2
12.8
8.8
16.6
DFJ-RC030-S831 □□□□ (M)-FA
30
19.3
11.2
16.2
16.8
12.8
20.6
DFJ-RC040-S831 □□□□ (M)-FA
40
23.3
15.2
20.2
20.8
16.8
24.6
DFJ-RC060-S831 □□□□ (M)-FA
60
31.3
23.2
28.2
28.8
24.8
32.6
DFJ-RC080-S831 □□□□ (M)-FA
80
39.3
31.2
36.2
36.8
32.8
40.6
DFJ-RC100-S831 □□□□ (M)-FA
100
47.3
39.2
44.2
44.8
40.8
48.6
DFJ-RC120-S831 □□□□ (M)-FA
120
55.3
47.2
52.2
52.8
48.8
56.6
Part Number
J
K
DFJ-RC □□□ -S831074 □ (M)-FA
7.4
8.4
DFJ-RC □□□ -S831104 □ (M)-FA
10.4
11.4
DFJ-RC □□□ -S831114 □ (M)-FA
11.4
12.4
DFJ-RC □□□ -S831124 □ (M)-FA
12.4
13.4
Connector Hight
074: 7.4mm
104:10.4mm
114: 11.4mm
124:12.4mm
Lock
N: without Lock
D: with Lock
Number of Contact
020 : 20
030 : 30
040 : 40
060 : 60
080 : 80
100 : 100
120 : 120
Contact Plating
3:Au(Flash) over Ni Plating
FA: Lead Free
Package Style
(M): Tray for Automatic Mounting
Machine


Similar Part No. - DFJ-RC100-S831104D

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-1 COOPER-DFJ-1 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Eaton All Rights Reserv...
DFJ-1 EATON-DFJ-1 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-10 COOPER-DFJ-10 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Eaton All Rights Reserv...
DFJ-10 EATON-DFJ-10 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-100 COOPER-DFJ-100 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
More results

Similar Description - DFJ-RC100-S831104D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
DFJ-20 COOPER-DFJ-20 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com