Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA2259UMX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSA2259UMX
Description  Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2259UMX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSA2259UMX Datasheet HTML 1Page - Fairchild Semiconductor FSA2259UMX Datasheet HTML 2Page - Fairchild Semiconductor FSA2259UMX Datasheet HTML 3Page - Fairchild Semiconductor FSA2259UMX Datasheet HTML 4Page - Fairchild Semiconductor FSA2259UMX Datasheet HTML 5Page - Fairchild Semiconductor FSA2259UMX Datasheet HTML 6Page - Fairchild Semiconductor FSA2259UMX Datasheet HTML 7Page - Fairchild Semiconductor FSA2259UMX Datasheet HTML 8Page - Fairchild Semiconductor FSA2259UMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2258 • Rev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
-0.5
5.5
V
VSW
Switch I/O Voltage
(1)
1B0, 1B1, 2B0, 2B1,
1A, 2A Pins
-0.5
VCC + 0.3
V
VIN
Control Input Voltage
(1)
S1, S2
-0.5
5.5
V
IIK
Input Clamp Diode Current
-50
mA
ISW
Switch I/O Current (Continuous)
350
mA
ISWPEAK
Peak Switch Current (Pulsed at 1ms Duration, <10% Duty Cycle)
500
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
I/O to GND
8.5
Power to GND
16.0
Human Body Model, JEDEC:
JESD22-A114
All Other Pins
8.0
kV
ESD
Charged Device Model, JEDEC: JESD22-C101
2.0
kV
Note:
1.
Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
1.65
4.30
V
VIN
Control Input Voltage
0
VCC
V
VSW
Switch I/O Voltage
0
4.3
V
TA
Operating Temperature
-40
+85
°C


Similar Part No. - FSA2259UMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA2259UMX ONSEMI-FSA2259UMX Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
More results

Similar Description - FSA2259UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2258 FAIRCHILD-FSA2258 Datasheet
849Kb / 10P
   Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA2258 FAIRCHILD-FSA2258_12 Datasheet
696Kb / 10P
   Low-Voltage, Dual-SPDT (0.8?? Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268_08 Datasheet
728Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268_0703 FAIRCHILD-FSA2268_0703 Datasheet
95Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
logo
ON Semiconductor
FSA2268 ONSEMI-FSA2268 Datasheet
937Kb / 12P
   Low-Voltage Dual-SPDT Analog Switch with 16kV ESD
December-2017, Rev. 2
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268_12 Datasheet
715Kb / 12P
   Low-Voltage Dual-SPDT(0.4?? Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
   Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Fairchild Semiconductor
FSA859 FAIRCHILD-FSA859 Datasheet
571Kb / 10P
   Dual-Voltage, 0.8廓 SPDT Analog Switch with Power-Off Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com