Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFJ-RC040-S831104D Datasheet(PDF) 2 Page - DDK Ltd.

Part # DFJ-RC040-S831104D
Description  DFJ-PC020-S931080D
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DFJ-RC040-S831104D Datasheet(HTML) 2 Page - DDK Ltd.

  DFJ-RC040-S831104D Datasheet HTML 1Page - DDK Ltd. DFJ-RC040-S831104D Datasheet HTML 2Page - DDK Ltd. DFJ-RC040-S831104D Datasheet HTML 3Page - DDK Ltd. DFJ-RC040-S831104D Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Unit:mm
http://www.ddknet.co.jp
DFJ Series
2
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ Plug Connector
Part Number
Number
of
Contact
ABC
D
E
DFJ-PC020-S931 □□□ D(M)-FA
20
15.3
7.2
12.2
12.8
16.6
DFJ-PC030-S931 □□□ D(M)-FA
30
19.3
11.2
16.2
16.8
20.6
DFJ-PC040-S931 □□□ D(M)-FA
40
23.3
15.2
20.2
20.8
24.6
DFJ-PC060-S931 □□□ D(M)-FA
60
31.3
23.2
28.2
28.8
32.6
DFJ-PC080-S931 □□□ D(M)-FA
80
39.3
31.2
36.2
36.8
40.6
DFJ-PC100-S931 □□□ D(M)-FA
100
47.3
39.2
44.2
44.8
48.6
DFJ-PC120-S931 □□□ D(M)-FA
120
55.3
47.2
52.2
52.8
56.6
DFJ-PC030-S931130D(M)-FA
φ1.10 0.05
φ0.70 0.05
C 0.10
DDK THAILAND A
A
B 0.10
0.80
0.30
0.65
W
W
1.40 0.25
E 0.30
11.00
A
Adsorption Cap Mounting DImensions
C 0.05
D 0.10
2.50 0.03
2.40 0.10
B 0.05
0.80 0.03
0.50
     (PCB Mounting Dimensions)     
      (View from Mounting Side)
φ0.80
+0.05
0
φ1.20
+0.05
0
+0.05
0
Part Number
J
K
L
DFJ-PC □□□ -S931080D(M)-FA
8.0
9.0
2.75
DFJ-PC □□□ -S931110D(M)-FA
11.0
12.0
1.58
DFJ-PC □□□ -S931120D(M)-FA
12.0
13.0
1.58
DFJ-PC □□□ -S931130D(M)-FA
13.0
14.0
1.58
Number of Contact
020 : 20
030 : 30
040 : 40
060 : 60
080 : 80
100 : 100
120 : 120
Contact Plating
3:Au(Flash) over Ni Plating
Package Style
(M): Tray for Automatic Mounting
Machine
Connector Hight
080 : 8.0mm110:11.0mm
120 : 12.0mm130:13.0mm
FA:Lead Free


Similar Part No. - DFJ-RC040-S831104D

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-1 COOPER-DFJ-1 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Eaton All Rights Reserv...
DFJ-1 EATON-DFJ-1 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-10 COOPER-DFJ-10 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Eaton All Rights Reserv...
DFJ-10 EATON-DFJ-10 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-100 COOPER-DFJ-100 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
More results

Similar Description - DFJ-RC040-S831104D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
DFJ-20 COOPER-DFJ-20 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com