Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFJ-PC060-S931080D Datasheet(PDF) 1 Page - DDK Ltd.

Part # DFJ-PC060-S931080D
Description  DFJ-PC020-S931080D
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DFJ-PC060-S931080D Datasheet(HTML) 1 Page - DDK Ltd.

  DFJ-PC060-S931080D Datasheet HTML 1Page - DDK Ltd. DFJ-PC060-S931080D Datasheet HTML 2Page - DDK Ltd. DFJ-PC060-S931080D Datasheet HTML 3Page - DDK Ltd. DFJ-PC060-S931080D Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
RoHS
Compliant
RoHS
Compliant
0.8mm PitchStacking Connectors
DFJ Series
Rated Voltage
100VAC(r.m.s.)
Rated Current
0.5A/Contact
DIelectric Withstanding Voltage
350VAC(r.m.s.)/1minute
Insulation Resistance
500 MΩ min.at250VDC
Contact Resistance
45m Ω max.
Item
Material/Finish
Contact
Copper Alloy / Contact Area: Au over Ni Plating
Tail Area: Sn-Ag over Ni Platig
Housing
LCP Resin (UL94V-0) / Black
LockingTab
Copper Alooy / Sn-Ag Plating
090803
OUTLINE
FEATURE
SPECIFICATIONS
APPLICATIONS
MATERIAL/FINISH
NOTE FOR MOUNTING
DFJ series is a 0.8mm fine contact pitch
board to board stacking (Parallel Connection)
connectors.
・Stacking height is available from 9 different heights(10, 13, 14, 15, 16, 17, 18, 19 and 20mm).
・SMT mounting style and board lock pins are available.
・"D" shaped polarization to prevent from mis-mating.
・Cantilever contact design
・A tactile perceptible lock mechanism upon mating the connectors is available.
FA, Communication Equipments
Absorption the gap of DFJ series is severe because of fine contact pitch (0.8mm).
(Short edge and long edge: tolerance 0.05 mm /each)
DFJ series does not have the floating mechanism.
Please be careful to the gap when you mount more than 2 connectors on one PCB.
We recommend to isolate the PCB which mount the mating connector.


Similar Part No. - DFJ-PC060-S931080D

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-1 COOPER-DFJ-1 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Eaton All Rights Reserv...
DFJ-1 EATON-DFJ-1 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-10 COOPER-DFJ-10 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Eaton All Rights Reserv...
DFJ-10 EATON-DFJ-10 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-100 COOPER-DFJ-100 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
More results

Similar Description - DFJ-PC060-S931080D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
DFJ-20 COOPER-DFJ-20 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com