Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2302MPX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FPF2302MPX
Description  Dual-Output Current Limit Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2302MPX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FPF2302MPX Datasheet HTML 5Page - Fairchild Semiconductor FPF2302MPX Datasheet HTML 6Page - Fairchild Semiconductor FPF2302MPX Datasheet HTML 7Page - Fairchild Semiconductor FPF2302MPX Datasheet HTML 8Page - Fairchild Semiconductor FPF2302MPX Datasheet HTML 9Page - Fairchild Semiconductor FPF2302MPX Datasheet HTML 10Page - Fairchild Semiconductor FPF2302MPX Datasheet HTML 11Page - Fairchild Semiconductor FPF2302MPX Datasheet HTML 12Page - Fairchild Semiconductor FPF2302MPX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2300/02/03 • Rev. 1.1.3
9
Typical Characteristics
OUT
2V/DIV
IN = 5V
ON = 3.3V
COUT = 0.1μF
RL = 500Ω
ON
2V/DIV
IN
2V/DIV
200μs/DIV
IN = 5V
ON = 3.3V
RL = 5Ω
IN
5V/DIV
ON
5V/DIV
200μs/DIV
IOUT
1A/DIV
COUT = 47μF
COUT = 100μF
COUT = 220μF
COUT = 470μF
Figure 29. Current Limit at Startup with
Different Output Capacitor
Figure 30. Output Voltage at Startup with
Different Output Capacitor
Figure 27. Startup FLAGB Blanking Time (FPF2303)
Figure 25. tOFF Response
Figure 26. Over-Current Blanking Time (FPF2300/2)
Figure 28. Auto-Restart Time (FPF2300)
2ms/DIV
OUT
5V/DIV
IN = 5V
COUT = 10μF
RL = 2.8Ω
ON
2V/DIV
FLAGB
2V/DIV
IOUT
1A/DIV
tBLANK
2ms/DIV
OUT
2V/DIV
COUT = 10μF
RL = 3.3Ω
ON
2V/DIV
FLAGB
2V/DIV
IOUT
1A/DIV
tSTART_BLANK
100ms/DIV
OUT
5V/DIV
IN = 5V
COUT = 10μF
RL = 2.8Ω
ON
2V/DIV
FLAGB
2V/DIV
IOUT
1A/DIV
tRSTRT
IN = 5V
ON = 3.3V
RL = 5Ω
IN
5V/DIV
ON
5V/DIV
200μs/DIV
OUT
5V/DIV
COUT = 47μFCOUT = 220μF
COUT = 100μFCOUT = 470μF


Similar Part No. - FPF2302MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310MPX FAIRCHILD-FPF2310MPX Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310MPX FAIRCHILD-FPF2310MPX_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2312 FAIRCHILD-FPF2312 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results

Similar Description - FPF2302MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546_08 Datasheet
279Kb / 15P
   Dual Programable Current Limit Switch
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
   Dual Programmable Current Limit Switch Preliminary Information
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com