Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2165 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FPF2165
Description  Full Function Load Switch with Adjustable Current Limit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2165 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FPF2165 Datasheet HTML 1Page - Fairchild Semiconductor FPF2165 Datasheet HTML 2Page - Fairchild Semiconductor FPF2165 Datasheet HTML 3Page - Fairchild Semiconductor FPF2165 Datasheet HTML 4Page - Fairchild Semiconductor FPF2165 Datasheet HTML 5Page - Fairchild Semiconductor FPF2165 Datasheet HTML 6Page - Fairchild Semiconductor FPF2165 Datasheet HTML 7Page - Fairchild Semiconductor FPF2165 Datasheet HTML 8Page - Fairchild Semiconductor FPF2165 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.fairchildsemi.com
FPF2163/4/5 Rev. I
Typical Characteristics
Figure 1. Quiescent Current vs. Input Voltage
Figure 2. Quiescent Current vs. Temperature
Figure 4. VON Low Voltage vs. Input Voltage
Figure 5. RON vs. VIN
Figure 6. RON vs. Temperature
Figure 3. VON High Voltage vs. Input Voltage
50
55
60
65
70
75
80
85
90
95
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (°C)
VIN = 5.5V
VIN = 3.3V
VIN = 1.8V
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.52
2.53
3.54
4.5
5
5.56
SUPPLY VOLTAGE (V)
66
68
70
72
74
76
78
11.5
22.5
33.5
44.5
5
5.5
6
SUPPLY VOLTAGE (V)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.522.533.544.555.5
6
SUPPLY VOLTAGE (V)
80
90
100
110
120
130
140
150
160
170
180
190
200
12
345
6
SUPPLY VOLTAGE(V)
60
80
100
120
140
160
180
200
220
240
-40
-15
10
35
60
85
TJ, JUNCTIONTEMPERATURE(°C)
VIN=1.8V
VIN=3.3V
VIN=5.5V


Similar Part No. - FPF2165

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2165 FAIRCHILD-FPF2165 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165 FAIRCHILD-FPF2165 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
More results

Similar Description - FPF2165

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
   Load Switch IC with Current Limit function
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com