Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF1016 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FPF1016
Description  IntelliMAX 1V Rated Advanced Load Management Products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1016 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FPF1016 Datasheet HTML 1Page - Fairchild Semiconductor FPF1016 Datasheet HTML 2Page - Fairchild Semiconductor FPF1016 Datasheet HTML 3Page - Fairchild Semiconductor FPF1016 Datasheet HTML 4Page - Fairchild Semiconductor FPF1016 Datasheet HTML 5Page - Fairchild Semiconductor FPF1016 Datasheet HTML 6Page - Fairchild Semiconductor FPF1016 Datasheet HTML 7Page - Fairchild Semiconductor FPF1016 Datasheet HTML 8Page - Fairchild Semiconductor FPF1016 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.fairchildsemi.com
FPF1015/6/7/8 Rev. D
Typical Characteristics
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0.8
1
1.2
1.4
1.6
1.8
Supply Voltage (V)
VON = 0V
VON =3.3V
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
TJ, Junction Temperature
oC
VON=0V
VOUT =Open
VIN = 1.8V
VIN = 1.0V
VIN = 0.8V
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
TJ, Junction Temperature
oC
VIN = 1.8V
VON = 0V
VOUT = 0V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
-50
-25
0
255075
100
125
TJ, JunctionTemperature(
oC)
VON = 3.3V
VOUT =Open
VIN = 1.8V
VIN = 1.0V
VIN = 0.8V
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
TJ, JunctionTemperature(
oC)
VIN= 1 V
VON = 3V
IOUT = 1 A
20
25
30
35
40
45
50
55
60
1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7
VON - VIN(V)
VON =3V
IOUT = 1A
Figure 1. Supply Current vs.VIN
Figure 2. Quiescent Current vs. Temperature
Figure 3. Operating Current vs. Temperature
Figure 4. Off Switch Current vs. Temperature
Figure 5. RON vs. Temperature
Figure 6. RON vs. VON - VIN


Similar Part No. - FPF1016

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1013 FAIRCHILD-FPF1013 Datasheet
528Kb / 10P
   IntelliMAX 1V Rated Advanced Load Management Products
FPF1013 FAIRCHILD-FPF1013_11 Datasheet
710Kb / 11P
   IntelliMAX??1V-Rated Advanced Load Management Products
FPF1013 FAIRCHILD-FPF1013_12 Datasheet
2Mb / 11P
   IntelliMAX??1 V-Rated Advanced Load Management Products
FPF1014 FAIRCHILD-FPF1014 Datasheet
528Kb / 10P
   IntelliMAX 1V Rated Advanced Load Management Products
FPF1014 FAIRCHILD-FPF1014_11 Datasheet
710Kb / 11P
   IntelliMAX??1V-Rated Advanced Load Management Products
More results

Similar Description - FPF1016

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1013 FAIRCHILD-FPF1013 Datasheet
528Kb / 10P
   IntelliMAX 1V Rated Advanced Load Management Products
FPF1013 FAIRCHILD-FPF1013_11 Datasheet
710Kb / 11P
   IntelliMAX??1V-Rated Advanced Load Management Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com