Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6646MTC20X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMS6646MTC20X
Description  Six Channel, SD/HD (1080p) Video Filter Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6646MTC20X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS6646MTC20X Datasheet HTML 1Page - Fairchild Semiconductor FMS6646MTC20X Datasheet HTML 2Page - Fairchild Semiconductor FMS6646MTC20X Datasheet HTML 3Page - Fairchild Semiconductor FMS6646MTC20X Datasheet HTML 4Page - Fairchild Semiconductor FMS6646MTC20X Datasheet HTML 5Page - Fairchild Semiconductor FMS6646MTC20X Datasheet HTML 6Page - Fairchild Semiconductor FMS6646MTC20X Datasheet HTML 7Page - Fairchild Semiconductor FMS6646MTC20X Datasheet HTML 8Page - Fairchild Semiconductor FMS6646MTC20X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6646 • Rev.1.0.1
2
Pin Configuration
FMS6646
20L TSSOP
VCC
SD IN2
SD IN3
SD/HD IN1
SD IN1
FcSEL
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
SD/HD IN2
SD/HD IN3
SD OUT2
SD OUT3
SD/HD OUT1
SD OUT1
SD/HD OUT2
SD/HD OUT3
GND
9
10
N/C
12
11 N/C
N/C
N/C
GND
Figure 2. Pin Configuration
Pin Definitions
Pin#
Name
Type
Description
1
SD IN1
Input
SD video input, channel 1
2
SD IN2
Input
SD video input, channel 2
3
SD IN3
Input
SD video input, channel 3
4
N/C
Input
No Connection
5
VCC
Input
+3.3V supply
6
FcSEL
Input
Selects filter corner frequency for pins 7, 8, and 9: “0” = SD, “1” = PS
7
SD/HD IN1
Input
Selectable SD or PS video input, channel 1
8
SD/HD IN2
Input
Selectable SD or PS video input, channel 2
9
SD/HD IN3
Input
Selectable SD or PS video input, channel 3
10
N/C
Input
No Connection
11
N/C
Input
No Connection
12
SD/HD OUT3
Output
Filtered SD or PS video output, channel 3
13
SD/HD OUT2
Output
Filtered SD or PS video output, channel 2
14
SD/HD OUT1
Output
Filtered SD or PS video output, channel 1
15
N/C
Input
No Connection
16
GND
Input
Must be tied to ground
17
GND
Input
Must be tied to ground
18
SD OUT3
Output
Filtered SD video output, channel 3
19
SD OUT2
Output
Filtered SD video output, channel 2
20
SD OUT1
Output
Filtered SD video output, channel 1


Similar Part No. - FMS6646MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6646MTC20X FAIRCHILD-FMS6646MTC20X Datasheet
446Kb / 12P
   Six Channel, SD/HD 1080p Video Filter Driver
logo
ON Semiconductor
FMS6646MTC20X ONSEMI-FMS6646MTC20X Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
More results

Similar Description - FMS6646MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6646 FAIRCHILD-FMS6646_09 Datasheet
446Kb / 12P
   Six Channel, SD/HD 1080p Video Filter Driver
logo
ON Semiconductor
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_06 Datasheet
267Kb / 11P
   Six Channel, 6th Order SD/HD Video Filter Driver
FMS6346 FAIRCHILD-FMS6346 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6346 ONSEMI-FMS6346 Datasheet
1Mb / 12P
   Six Channel, 6th-Order SD/HD Video Filter Driver
October 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_08 Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com