Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40HF100M Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 40HF100M
Description  SILICON POWER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

40HF100M Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  40HF100M Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DO-5
FEATURES
• All Diffused Series
• Available in Normal & Reverse Polarity
• Industrial Grade
• Available In Avalanche Characteristic
* Available in metric and UNF thread
ELECTRICALSPECIFICATIONS
IF(AV)
Maximum Average Forward
40A
Current Te=1400C
VFM
Maximum peak forward
1.2V
voltage drop @ Rated IF(AV)
I
FRM
Maximum peak one cycle
500 A
(non-rep) surge current 10 m sec
I
FRM
Maximum peak repetitive
200 A
surge current
I2tMaximum I2t rating (non-rep.)
1200A2Sec
for 5 to 10 m sec
40HF/40HFR
SILICON POWER DIODES
THERMAL MECHANICAL SPECIFICATIONS
θθθθθJC
Maximum thermal resistance Junction to case
10C/W
Tj
Operating Junction Temp.
-650C to 1500C
Tstg
Storage temperature
-650C to 2000C
Mounting torque
0.4 M-kg min,
(Non-lubricated threads)
0.6 M-kg max
W
Approx, weight
13.5 & 30 gms.
ELECTRICAL RATINGS
TYPE
40HF/HFR
10
20
40
60
80
100
120
140
160
VRRM
Max. repetitive peak reverse
100
200
400
600
800
1000
1200
1400 1600
voltage (v)
VR(RMS)
Max. R.M.S. reverse voltage (V)
70
140
280
420
560
700
840
980 1120
VR
Max. D.C. Blocking Voltage (V)
100
200
400
600
800
1000
1200
1400 1600
Recommended R.M.S. working
40
80
160
240
320
400
480
560
640
Voltage(v)
IR(AV)
Max. Average reverse leakage
200
200
200
200
200
200
200
200
200
current @ VRMM Tc 250C uA
NAINA SEMICONDUCTOR LTD
D95,SECTOR 63,NOIDA(INDIA)
e-mail: sales@nainasemi.com, web site :www.nainasemi.com
NAINA
40 HF/ HFR
A
A
POLARITY
POLARITY
Normal
Normal
Reverse
Reverse
Ø 4.0
7
27
12
M8 x 1.25
16
Ø 8.0
32
12
11.5
M 8 x 1.25
17 A/F
17 A/F
11.5
C
C
C
C
A
A


Similar Part No. - 40HF100M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40HF100M IRF-40HF100M Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
More results

Similar Description - 40HF100M

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
400NS NAINA-400NS Datasheet
124Kb / 1P
   SILICON POWER DIODES
40NS NAINA-40NS Datasheet
111Kb / 1P
   SILICON POWER DIODES
logo
Diotec Semiconductor
ZPY10B DIOTEC-ZPY10B Datasheet
84Kb / 2P
   Silicon Power Z-Diodes
3EZ1 DIOTEC-3EZ1_14 Datasheet
84Kb / 2P
   Silicon-Power-Zener Diodes
ZPY1 DIOTEC-ZPY1 Datasheet
153Kb / 3P
   Silicon-Power-Zener Diodes
3EZ1 DIOTEC-3EZ1_15 Datasheet
83Kb / 2P
   Silicon-Power-Zener Diodes
ZY1 DIOTEC-ZY1_07 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
logo
Vishay Siliconix
1N4728A VISHAY-1N4728A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Diotec Semiconductor
1N5345B DIOTEC-1N5345B_15 Datasheet
91Kb / 2P
   Silicon-Power-Zener Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com