Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCW1301F-200LCL Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SCW1301F-200LCL
Description  Telecom / Datacom Laser Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SCW1301F-200LCL Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SCW1301F-200LCL Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SCW1301F-200LCL Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDI Document #10-4400-0012 Rev. B 1/20/09
Optical Characteristics
Units
1310nm
1550nm
Power Options
uW
500 / 1000 / 2000
500 / 1000 / 2000
Wavelength Range
nm
1270-1330
1520-1580
Spectral Width FWHM (typ)
nm
2
1.3
Drive Characteristics
Threshold current (typ;max)
mA
6;15
10;14
Modulation current (typ;max)
mA
15;25
12;16
Forward voltage maximum
V
2
1.4
Maximum optical rise/fall time
ns
0.5
0.5
Monitor Diode
Photocurrent at PMAX (min;max)
uA
50;1200
50;1200
Maximum dark current
nA
10
10
Maximum capacitance
pF
6
6
Maximum rise/fall time
ns
2
2
Maximum reverse voltage
V
10
10
Tracking error*
dB
±0.5
±0.5
Temperature Range
Module operating temperature
oC
-20 to +70
-20 to +70
Storage temperature
oC
-40 to +85
-40 to +85
Thermoelectric Cooler
Maximum cooler capacity
oC
45
45
Current for maximum capacity
A
0.75
0.75
Maximum current
A
1.2
1.2
Voltage for maximum current
V
1.2
1.2
Thermistor
Resistance at T = 25
oCKΏ
9.8-10.2
9.8-10.2
Temperature coefficient
%/
oC
-4.4
-4.4
*Tracking error is the variation of the linear relationship between fiber-coupled power and monitor diode current over the
specified operation temperature range
Laser Diode Incorporated’s 1310nm and 1550nm Fabry-Perot lasers offer excellent output power and
wavelength stability.
These modules are ideally used in short, intermediate and long distance
telecommunication systems such as SONET, SDH and Ethernet or Fiberchannel systems.
T
Te
elle
ec
co
om
m // D
Da
atta
ac
co
om
m
L
La
as
se
err M
Mo
od
du
ulle
es
s
Wavelengths: 1310nm and 1550nm
Power to 2mW
Singlemode 9/125/900 fiber
14-pin DIP
High Stability Fiber Coupling
Hermetically Sealed
RoHS Compliant
Typical Applications:
Telecom data transmission
Instrument laser
Light source
Laser Diode Incorporated
ISO 9001:2000 Certified
M/A-COM Technology Solutions
4 Olsen Avenue
Edison, NJ 08820 USA
Voice (732) 549-9001
Fax:
(732) 906-1559
Internet: www.laserdiode.com
Email: sales@laserdiode.com
Specifications and Limits @ 25
oC


Similar Part No. - SCW1301F-200LCL

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SCW1331-100FCR MA-COM-SCW1331-100FCR Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1331-100LCR MA-COM-SCW1331-100LCR Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1331-100R MA-COM-SCW1331-100R Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1331-100SCR MA-COM-SCW1331-100SCR Datasheet
234Kb / 2P
   Instrument Laser Modules
SCW1331-100STR MA-COM-SCW1331-100STR Datasheet
234Kb / 2P
   Instrument Laser Modules
More results

Similar Description - SCW1301F-200LCL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
8C443 MITEL-8C443 Datasheet
182Kb / 9P
   PIN/Preamp(Datacom, Telecom)
4D470 MITEL-4D470 Datasheet
73Kb / 3P
   PIN Array(Parallel Datacom, Telecom)
4D469 MITEL-4D469 Datasheet
74Kb / 3P
   VCSEL Array(Parallel Datacom, Telecom)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
   Datacom, Telecom, General Purpose LED
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
   Datacom, Telecom, General Purpose LED
logo
Infineon Technologies A...
FOA2322A INFINEON-FOA2322A Datasheet
542Kb / 37P
   3.2 Gbi t /s Laser Driver IC for Telecom and Datacom Applications
May 2001
logo
Mitel Networks Corporat...
2B454 MITEL-2B454 Datasheet
189Kb / 10P
   VCSEL Laser Diode(Datacom)
1A448 MITEL-1A448 Datasheet
188Kb / 10P
   VCSEL Laser Diode(Datacom)
2B455 MITEL-2B455 Datasheet
47Kb / 3P
   VCSEL Laser Diode(Datacom)
MF432 MITEL-MF432 Datasheet
205Kb / 7P
   Datacom, Telecom, General Purpose PIN Photodiodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com