Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-1 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # SM-1
Description  MINI-NOISE DIODES 10 KHZ TO 100 MHZ
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

SM-1 Datasheet(HTML) 1 Page - Micronetics, Inc.

  SM-1 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987
WEB: WWW.MICRONETICS.COM
D
DESCRIPTION
ESCRIPTION
Micronetics’ SM-Series Diode with its
small, surface mount SOT-23 package
is ideally suited for medium and high
volume production circuits. The ran-
dom highly stable noise characteristic
makes it ideal for several applications
from encryption, to A/D dithering.
MINI-NOISE DIODE SPECIFICATIONS
SM-SERIES MINI-NOISE DIODES
10 KHZ TO 100 MHZ
FREQUENCY (1)
OUTPUT (2)
BIAS (3)
TYP DC+
MODEL BAND
RANGE
dBm/Hz (min)
CURRENT (
typ)
BIAS
SM-1 Band 1 10 KHz – 1 MHz
-130
2-4mA
8.8v + 1
Band 2 1MHz – 10 MHz
-137
2-4mA
8.8v + 1
Band 3 10 MHz – 100 MHz
-140
2-4mA
8.8v + 1
SM-3 Band 1 10 KHz – 1 MHz
-138
2-4mA
6.5v + 1
Band 2 1MHz – 10 MHz
-140
2-4mA
6.5v + 1
Band 3 10 MHz – 100 MHz
-143
2-4mA
6.5v + 1
SM-4 Band 1 10 KHz – 1 MHz
-140
2-4mA
5.8v + 1
Band 2 1MHz – 10 MHz
-141
2-4mA
5.8v + 1
Band 3 10 MHz – 100 MHz
-143
2-4mA
5.8v + 1
(1) The SM Series Noise Diodes do generate noise below 10 KHz, however, Micronetics’ only
specifies to a low end of 10 KHz.
(2) ENR is measured in a 50 ohm system.
(3) Spectral response varies with bias current. Differing levels of ENR and in-band flatness can be
realized by adjusting bias current.
Application Notes:
Encryption: In this usage, the Gaussian output of the noise is used to generate random
numbers by sampling the voltage of the noise using an A/D converter. Frequency require-
ments are usually a function of the system parameters of the random numbers desired.
As with the dithering circuit, the noise amplitude form the diode needs to be boosted with
gain. These circuits are typically high impedance.
A/D Converter Dithering Circuit: Sensitivity can be increased significantly when summing
low frequency noise (in the range of 10 KHz - 5 MHz depending on the A/D converter) with
the IF frequency prior to the input of the A/D Converter. The noise signal amplitude needs
to be boosted significantly from the output of the noise diode. Designers usually take two
approaches, one at 50 ohm in which standard radio frequency gain blocks are used and
the noise is combined with the signal at 50 ohms. The signal + noise is then converted to
high impedance prior to being fed into the A/D. The second uses op amps to boost the
noise signal and the noise is summed with the signal all at high impedance and fed directly
into the A/D.
Modulating Signal Source: The completely random nature of these analog noises have a
definite advantage over pseudo-random number generators (PRNG) chips, in that there is
no repetition. This is desired when a high level of communication security is required.
reference package style Z for dimensions
http://www.micronetics.com/Noise_Diode_SMT/Surface_Mount_NC202_SM4.pdf
Return to Noise Source Index


Similar Part No. - SM-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SM-10 RFM-SM-10 Datasheet
46Kb / 1P
   10-Terminal Surface-Mount Case 13.7 X 9.4 mm Nominal Footprint
logo
Riedon Powertron
SM-10 RIEDON-SM-10 Datasheet
318Kb / 2P
   Precision Wirewound Resistors
logo
FOTEK CONTROLS CO., LTD...
SM-10 FOTEK-SM-10 Datasheet
2Mb / 4P
   DIN 24x48/72x72/96x48 Tachometer & Line speed meter
logo
Sumida Corporation
SM-10C SUMIDA-SM-10C Datasheet
27Kb / 1P
   IFT COILS
SM-10F SUMIDA-SM-10F Datasheet
33Kb / 1P
   IFT COILS
More results

Similar Description - SM-1

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
SM4 MICRONETICS-SM4 Datasheet
87Kb / 2P
   Noise Diodes 10 kHz to 100 MHz
ST2A MICRONETICS-ST2A Datasheet
90Kb / 2P
   Noise Diodes 10 kHz to 3000 MHz
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2A MICRONETICS-ST-2A Datasheet
227Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2 MICRONETICS-ST-2 Datasheet
40Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 3 GHZ
NMA2012-A1D MICRONETICS-NMA2012-A1D Datasheet
295Kb / 2P
   Dip Packaged Noise Sources 100 kHz to 2000 MHz
SMN7105-D1C MICRONETICS-SMN7105-D1C Datasheet
296Kb / 3P
   Surface Mount Noise Sources 100 kHz to 3 MHz
SMN7108-D1C MICRONETICS-SMN7108-D1C Datasheet
292Kb / 3P
   Surface Mount Noise Sources 50 kHz to 100 MHz
CNS7105-D1C MICRONETICS-CNS7105-D1C Datasheet
294Kb / 2P
   High Power Broadband Noise Sources 100 kHz to 3 MHz
NMA2011-A1D MICRONETICS-NMA2011-A1D Datasheet
295Kb / 2P
   Legacy 100 kHz to 1500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com