Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW0500-HF-TOR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # CW0500-HF-TOR
Description  High Power CW Laser Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CW0500-HF-TOR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  CW0500-HF-TOR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CW0500-HF-TOR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LDI Document #10-4400-0014 Rev. D 11/24/08
Package Drawings
Other package options available.
Products can be ordered directly from Laser Diode Incorporated or its representatives. When ordering, refer to the
information below. For a complete listing of representatives, visit our website at www.laserdiode.com
NOTE:
Not all options are available for all packages. Please contact your Sales Representative.
Safety:
Caution: Laser light emitted
from any diode laser may be
harmful to the human eye.
Avoid looking directly into
the diode laser aperture when
the device is in operation.
Class 4 laser
ESD Caution:
Handle diode lasers with
extreme care to prevent
electrostatic discharge.
Follow ESD precautions
When handling devices.
Warranty:
Please refer to your product
purchase agreement for
complete details or check
with your Laser Diode sales
representative.
Notice:
Laser Diode Inc. reserves
the right to make changes
to the products or information
contained herein without notice.
Liability is assumed as a result
of their use or application.
CW
XXXX -
XX -
XX
R
RoHS Indicator
0500 = .5 Watt
1000 = 1 Watt
OO = None
2000 = 2 Watt
DO = Monitor Detector Only
5000 = 5 Watt
TO = TEC Only
7000 = 7 Watt
DT = TEC and Monitor Detector
PACKAGE**
CM = C-Mount
*Connectorization Available
HH = High Heat Load
**Custom Packaging Available
HF = Pigtailed High Heat Load
90 = 9.0mm
OUTPUT POWER
OPTIONS *


Similar Part No. - CW0500-HF-TOR

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
CW0501A MARATHON-CW0501A Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CW0501B MARATHON-CW0501B Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CW0501C MARATHON-CW0501C Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CW0501D MARATHON-CW0501D Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CW0501X MARATHON-CW0501X Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
More results

Similar Description - CW0500-HF-TOR

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
   CW LASER DIODES
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
   DWDM High Power CW Source Laser
logo
Hamamatsu Corporation
L8411 HAMAMATSU-L8411 Datasheet
72Kb / 2P
   HIGH POWER QUASI-CW LASER DIODE
logo
Emcore Corporation
1782A EMCORE-1782A Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
logo
Hamamatsu Corporation
L11408 HAMAMATSU-L11408_15 Datasheet
215Kb / 2P
   High-power Laser Diode CW Stack Bar Module
L8413 HAMAMATSU-L8413 Datasheet
42Kb / 2P
   HIGH POWER CW LASER DIODE with PELTIER-COOLING
L8413 HAMAMATSU-L8413_15 Datasheet
110Kb / 2P
   High-power Laser Diode CW Single Bar Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com