Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVD46-TO18C Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CVD46-TO18C
Description  High Power Pulsed Laser Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CVD46-TO18C Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CVD46-TO18C Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CVD46-TO18C Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDI Document #10-4400-0018 Rev. D 1/16/09
H
Hiig
gh
h P
Po
ow
we
err P
Pu
ulls
se
ed
d L
La
as
se
err
D
Diio
od
de
es
s
High Efficiency / High Reliability
Stable output from -40oC to +85oC
Single and stacked devices up to
140Watts
850nm and 905nm wavelengths
Hermetic package
Applications:
Rangefinding / Ceilometers
Weapons simulation
Optical fuses
Surveying equipment
Laser Diode Incorporated
M/A-Com Technology Solutions
4 Olsen Avenue
Edison, NJ 08820 USA
Voice : (732) 549-9001
Fax:
(732) 549-1559
Internet: www.laserdiode.com
Email: sales@laserdiode.com
CVD Series Characteristics @ 25
oC
CVD 905nm Series Test Conditions: 100ns, 1Khz, 25
oC
CVD 850nm Series Test Conditions: 100ns, 1Khz, 25
oC
Parameters
CVD 90
CVD 93
CVD 95
CVD 97
CVD 193
CVD 195
CVD 197
Units
Peak Power
5
10
15
25
40
60
100
Watts
Number of Diodes
1111335
Emitting Area Typical
76 x 2
152 x 2
254 x 2
381 x 2
254 x 203
381 x 203
381 x 406
um
Peak lf
7
14203020
30
30
Amps
Duty Factor (max)
1
0.1
0.1
0.1
0.1
0.08
0.04
0.04
%
Note
: 1 Heat sinking required
Parameters
CVD 46
CVD 60
CVD 62
CVD 65
CVD 68
CVD 163
CVD 167
Units
Peak Power
3
4
8
13
22
35
100
Watts
Number of Diodes
1
1
1
1
1
3
5
Emitting Area Typical
62 x 2
76 x 2
152 x 2
254 x 2
381 x 2
254 x 203
381 x 406
um
Peak lf
4
5
10
15
25
15
25
Amps
Duty Factor (max)
1
0.1
0.1
0.1
0.1
0.1
0.08
0.04
%
Parameter
Symbol
Min
Typ
Max
Unit
Peak Wavelength
λ
nm
CVD 60 / 160 Series
895
905
915
nm
CVD 90 / 190 Series
840
850
860
nm
Spectral Width
Δλ
5.0
12
nm
Rise Time - Lasers
Tr
1ns
Pulse Width = 50% pts
Tpw
100
200
ns
Beam Spread
FWHM
10 x 35
degrees
Storage Temperature
Ts
-55
+85
oC
Operating Temperature
To
-40
+85
oC


Similar Part No. - CVD46-TO18C

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
More results

Similar Description - CVD46-TO18C

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
RLT-HPL905-50 ROCHESTER-RLT-HPL905-50 Datasheet
94Kb / 2P
   HIGH POWER PULSED LASER DIODES
logo
Roithner LaserTechnik G...
RLT-HPL905-50 ROITHNER-RLT-HPL905-50 Datasheet
94Kb / 2P
   HIGH POWER PULSED LASER DIODES
LDMP-0905 ROITHNER-LDMP-0905 Datasheet
158Kb / 3P
   LDMP- SERIES HIGH POWER PULSED LASER DIODES
LDMP-0905-50W-93 ROITHNER-LDMP-0905-50W-93 Datasheet
158Kb / 3P
   LDMP- SERIES HIGH POWER PULSED LASER DIODES.
LDMP-0905-20W-51 ROITHNER-LDMP-0905-20W-51 Datasheet
158Kb / 3P
   LDMP- SERIES HIGH POWER PULSED LASER DIODES
logo
M/A-COM Technology Solu...
CVL2S57-TO18C MA-COM-CVL2S57-TO18C Datasheet
227Kb / 2P
   1550nm Pulsed Laser Diodes
logo
Hamamatsu Corporation
L7055-04 HAMAMATSU-L7055-04 Datasheet
92Kb / 2P
   HIGH-POWER INFRARED PULSED LASER DIODE
L7060-02 HAMAMATSU-L7060-02 Datasheet
93Kb / 2P
   HIGH-POWER INFRARED PULSED LASER DIODE
L6690-53 HAMAMATSU-L6690-53_15 Datasheet
1Mb / 2P
   PULSED LASER DIODE
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com