Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGPF70N33BTTU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGPF70N33BTTU
Description  330V, 70A PDP IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGPF70N33BTTU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGPF70N33BTTU Datasheet HTML 1Page - Fairchild Semiconductor FGPF70N33BTTU Datasheet HTML 2Page - Fairchild Semiconductor FGPF70N33BTTU Datasheet HTML 3Page - Fairchild Semiconductor FGPF70N33BTTU Datasheet HTML 4Page - Fairchild Semiconductor FGPF70N33BTTU Datasheet HTML 5Page - Fairchild Semiconductor FGPF70N33BTTU Datasheet HTML 6Page - Fairchild Semiconductor FGPF70N33BTTU Datasheet HTML 7Page - Fairchild Semiconductor FGPF70N33BTTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
FGPF70N33BT Rev. A
Typical Performance Characteristics
Figure 13. Turn-on Characteristics vs.
Figure 14. Turn-off Characteristics vs.
Collector Current
Collector Current
Figure 15. Switching Loss vs. Gate Resistance
Figure 16. Switching Loss vs. Collector Current
Figure 17. Turn off Switching SOA Characteristics
20
30
40
50
60
70
1
10
100
1000
Common Emitter
VGE = 15V, RG = 5
T
C = 25
o
C
T
C = 125
o
C
t
r
t
d(on)
Collector Current, IC [A]
20
30
40
50
60
70
1
10
100
1000
Common Emitter
VGE = 15V, RG = 5
T
C = 25
o
C
T
C = 125
o
C
t
d(off)
t
f
Collector Current, IC [A]
0
1020304050
1
10
100
1000
Common Emitter
V
CC = 200V, VGE = 15V
I
C = 20A
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Gate Resistance, RG []
20
30
40
50
60
70
1
10
100
1000
Common Emitter
V
GE = 15V, RG = 5
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Collector Current, IC [A]
3000
110
100
1
10
100
400
Safe Operating Area
V
GE = 15V, TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
600


Similar Part No. - FGPF70N33BTTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGPF70N30 FAIRCHILD-FGPF70N30 Datasheet
783Kb / 7P
   300V, 70A PDP IGBT
FGPF70N30TU FAIRCHILD-FGPF70N30TU Datasheet
783Kb / 7P
   300V, 70A PDP IGBT
More results

Similar Description - FGPF70N33BTTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA70N33BTD FAIRCHILD-FGA70N33BTD Datasheet
755Kb / 9P
   330V, 70A PDP IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
   330V, PDP IGBT
FGPF4633 FAIRCHILD-FGPF4633 Datasheet
653Kb / 8P
   330V PDP IGBT
FGPF50N33BT FAIRCHILD-FGPF50N33BT Datasheet
661Kb / 8P
   330V, 50A PDP IGBT
FGA90N33ATDTU FAIRCHILD-FGA90N33ATDTU Datasheet
517Kb / 9P
   330V, 90A PDP Trench IGBT
FGA90N33AT FAIRCHILD-FGA90N33AT Datasheet
655Kb / 8P
   330V, 90A PDP Trench IGBT
FGA180N33AT FAIRCHILD-FGA180N33AT Datasheet
657Kb / 8P
   330V, 180A PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
736Kb / 9P
   330V, 180A PDP Trench IGBT
FGA180N33ATTU FAIRCHILD-FGA180N33ATTU Datasheet
695Kb / 8P
   330V, 180A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD Datasheet
750Kb / 9P
   330V, 90A PDP Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com