Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGP20N60UFDTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGP20N60UFDTU
Description  600V, 20A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGP20N60UFDTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGP20N60UFDTU Datasheet HTML 1Page - Fairchild Semiconductor FGP20N60UFDTU Datasheet HTML 2Page - Fairchild Semiconductor FGP20N60UFDTU Datasheet HTML 3Page - Fairchild Semiconductor FGP20N60UFDTU Datasheet HTML 4Page - Fairchild Semiconductor FGP20N60UFDTU Datasheet HTML 5Page - Fairchild Semiconductor FGP20N60UFDTU Datasheet HTML 6Page - Fairchild Semiconductor FGP20N60UFDTU Datasheet HTML 7Page - Fairchild Semiconductor FGP20N60UFDTU Datasheet HTML 8Page - Fairchild Semiconductor FGP20N60UFDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FGP20N60UFD Rev. A
Electrical Characteristics of the Diode T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Units
VFM
Diode Forward Voltage
IF = 10A
TC = 25
oC-
1.9
2.5
V
TC = 125
oC-
1.7
-
trr
Diode Reverse Recovery Time
IES =10A, dIES/dt = 200A/µs
TC = 25
oC-
35
-
ns
TC = 125
oC-
57
-
Qrr
Diode Reverse Recovery Charge
TC = 25
oC-
41
-
nC
TC = 125
oC-
96
-


Similar Part No. - FGP20N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP20N6S2 FAIRCHILD-FGP20N6S2 Datasheet
183Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
More results

Similar Description - FGP20N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
FGH20N60SFD FAIRCHILD-FGH20N60SFD Datasheet
796Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD Datasheet
821Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD_11 Datasheet
1Mb / 9P
   600V, 20A Field Stop IGBT
FGB20N60SFD FAIRCHILD-FGB20N60SFD Datasheet
433Kb / 9P
   600V, 20A Field Stop IGBT
logo
Rohm
RGTH40TS65D ROHM-RGTH40TS65D Datasheet
729Kb / 12P
   650V 20A Field Stop Trench IGBT
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH80N60FD FAIRCHILD-FGH80N60FD Datasheet
665Kb / 9P
   600V, 80A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com