Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGP5N60UFD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGP5N60UFD
Description  600V, 5A Field Stop IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGP5N60UFD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGP5N60UFD Datasheet HTML 1Page - Fairchild Semiconductor FGP5N60UFD Datasheet HTML 2Page - Fairchild Semiconductor FGP5N60UFD Datasheet HTML 3Page - Fairchild Semiconductor FGP5N60UFD Datasheet HTML 4Page - Fairchild Semiconductor FGP5N60UFD Datasheet HTML 5Page - Fairchild Semiconductor FGP5N60UFD Datasheet HTML 6Page - Fairchild Semiconductor FGP5N60UFD Datasheet HTML 7Page - Fairchild Semiconductor FGP5N60UFD Datasheet HTML 8Page - Fairchild Semiconductor FGP5N60UFD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
tm
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGP5N60UFD Rev. A
October 2008
Absolute Maximum Ratings
Notes:
1: Repetitive rating: Pulse width limited by max. juntion temperature
Thermal Characteristics
Symbol
Description
Ratings
Units
VCES
Collector to Emitter Voltage
600
V
VGES
Gate to Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25
oC10
A
Collector Current
@ TC = 100
oC5
A
ICM (1)
Pulsed Collector Current
@ TC = 25
oC
15
A
PD
Maximum Power Dissipation
@ TC = 25
oC81
W
Maximum Power Dissipation
@ TC = 100
oC32
W
TJ
Operating Junction Temperature
-55 to +150
oC
Tstg
Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction to Case
-
1.55
oC/W
RθJC(Diode)
Thermal Resistance, Junction to Case
-
3.2
oC/W
RθJA
Thermal Resistance, Junction to Ambient
-
62.5
oC/W
G
E
C
1
TO-220
1.Gate 2.Collector 3.Emitter
FGP5N60UFD
600V, 5A Field Stop IGBT
Features
• High current capability
• Low saturation voltage: VCE(sat) =1.9V @ IC = 5A
• High input impedance
• Fast switching
• RoHS compliant
Applications
• Induction Heating, UPS, SMPS, PFS
General Description
Using Novel Field Stop IGBT Technology, Fairchild’s new series
of Field Stop IGBTs offer the optimum performance for Induction
Heating, UPS, SMPS, and PFC applications where low conduc-
tion and switching losses are essential.


Similar Part No. - FGP5N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP5N60LS FAIRCHILD-FGP5N60LS Datasheet
252Kb / 8P
   600V, 5A Field Stop IGBT
More results

Similar Description - FGP5N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP5N60LS FAIRCHILD-FGP5N60LS Datasheet
252Kb / 8P
   600V, 5A Field Stop IGBT
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH80N60FD FAIRCHILD-FGH80N60FD Datasheet
665Kb / 9P
   600V, 80A Field Stop IGBT
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
FGB40N60SM FAIRCHILD-FGB40N60SM Datasheet
850Kb / 9P
   600V, 40A Field Stop IGBT
FGH60N60SF FAIRCHILD-FGH60N60SF Datasheet
647Kb / 8P
   600V, 60A Field Stop IGBT
FGI40N60SF FAIRCHILD-FGI40N60SF Datasheet
728Kb / 8P
   600V, 40A Field Stop IGBT
FGP20N60UFD FAIRCHILD-FGP20N60UFD Datasheet
746Kb / 9P
   600V, 20A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com