Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH75N60UFTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGH75N60UFTU
Description  600V, 75A Field Stop IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH75N60UFTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGH75N60UFTU Datasheet HTML 1Page - Fairchild Semiconductor FGH75N60UFTU Datasheet HTML 2Page - Fairchild Semiconductor FGH75N60UFTU Datasheet HTML 3Page - Fairchild Semiconductor FGH75N60UFTU Datasheet HTML 4Page - Fairchild Semiconductor FGH75N60UFTU Datasheet HTML 5Page - Fairchild Semiconductor FGH75N60UFTU Datasheet HTML 6Page - Fairchild Semiconductor FGH75N60UFTU Datasheet HTML 7Page - Fairchild Semiconductor FGH75N60UFTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FGH75N60UF Rev. A1
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
0123456
0
45
90
135
180
225
20V
TC = 25
o
C
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
0.0
1.5
3.0
4.5
6.0
0
45
90
135
180
225
20V
TC = 125
o
C
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
01
23
4
0
45
90
135
180
225
Common Emitter
VGE = 15V
TC = 25
o
C
TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
2468
10
12
1
10
100
Common Emitter
VCE = 20V
TC = 25
o
C
TC = 125
o
C
Gate-Emitter Voltage,VGE [V]
225
25
50
75
100
125
1.2
1.8
2.4
3.0
3.6
150A
75A
IC = 40A
Common Emitter
VGE = 15V
Collector-EmitterCase Temperature, TC [
o
C]
0
4
8
12
16
20
0
4
8
12
16
20
IC = 40A
75A
150A
Common Emitter
T
C = -40
o
C
Gate-Emitter Voltage, VGE [V]


Similar Part No. - FGH75N60UFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGH75N60SFTU FAIRCHILD-FGH75N60SFTU Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
More results

Similar Description - FGH75N60UFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGY75N60SMD FAIRCHILD-FGY75N60SMD Datasheet
432Kb / 10P
   600V, 75A Field Stop IGBT
logo
Rohm
RGSX5TS65E ROHM-RGSX5TS65E Datasheet
5Mb / 13P
   650V 75A Field Stop Trench IGBT
RGWX5TS65D ROHM-RGWX5TS65D Datasheet
1Mb / 12P
   650V 75A Field Stop Trench IGBT
2019.12 - Rev.A
logo
Fairchild Semiconductor
FGH75T65UPD FAIRCHILD-FGH75T65UPD Datasheet
922Kb / 10P
   650V, 75A Field Stop Trench IGBT
logo
Rohm
RGWX5TS65 ROHM-RGWX5TS65 Datasheet
977Kb / 10P
   650V 75A Field Stop Trench IGBT
2019.12 - Rev.A
RGSX5TS65DHR ROHM-RGSX5TS65DHR Datasheet
5Mb / 13P
   650V 75A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG75N65FT HMSEMI-HMG75N65FT Datasheet
1Mb / 7P
   650V /75A Trench Field Stop IGBT
logo
Fairchild Semiconductor
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com