Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH25N120FTDS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGH25N120FTDS
Description  1200V, 25A Field Stop Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH25N120FTDS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGH25N120FTDS Datasheet HTML 1Page - Fairchild Semiconductor FGH25N120FTDS Datasheet HTML 2Page - Fairchild Semiconductor FGH25N120FTDS Datasheet HTML 3Page - Fairchild Semiconductor FGH25N120FTDS Datasheet HTML 4Page - Fairchild Semiconductor FGH25N120FTDS Datasheet HTML 5Page - Fairchild Semiconductor FGH25N120FTDS Datasheet HTML 6Page - Fairchild Semiconductor FGH25N120FTDS Datasheet HTML 7Page - Fairchild Semiconductor FGH25N120FTDS Datasheet HTML 8Page - Fairchild Semiconductor FGH25N120FTDS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FGH25N120FTDS
Rev. A
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
024
6
8
0
30
60
90
120
150
180
17V
9V
20V
TC = 25
o
C
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
024
6
8
0
30
60
90
120
150
180
9V
17V
20V
TC = 125
o
C
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
024
6
0
20
40
60
80
100
120
Common Emitter
VGE = 15V
TC = 25
o
C
TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
05
10
15
0
20
40
60
80
100
120
Common Emitter
VCE = 20V
TC = 25
o
C
TC = 125
o
C
Gate-Emitter Voltage,VGE [V]
25
50
75
100
125
1.0
1.5
2.0
2.5
3.0
25A
50A
IC = 10A
Common Emitter
VGE = 15V
Collector-EmitterCase Temperature, TC [
o
C]
0
4
8
121620
0
4
8
12
16
20
IC = 10A
25A
50A
Common Emitter
T
C = 25
o
C
Gate-Emitter Voltage, VGE [V]


Similar Part No. - FGH25N120FTDS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH25T120SMD FAIRCHILD-FGH25T120SMD Datasheet
308Kb / 9P
   1200 V, 25 A Field Stop Trench IGBT
More results

Similar Description - FGH25N120FTDS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120FTD FAIRCHILD-FGA25N120FTD Datasheet
815Kb / 9P
   1200V, 25A Field Stop Trench IGBT
logo
Rohm
RGS50TSX2 ROHM-RGS50TSX2 Datasheet
994Kb / 11P
   1200V 25A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HM25N120FT HMSEMI-HM25N120FT Datasheet
1Mb / 7P
   1200V /25A Trench Field Stop IGBT
logo
Rohm
RGS50TSX2DHR ROHM-RGS50TSX2DHR Datasheet
1Mb / 13P
   1200V 25A Field Stop Trench IGBT
2020.09 - Rev.C
RGS50TSX2D ROHM-RGS50TSX2D Datasheet
1Mb / 13P
   1200V 25A Field Stop Trench IGBT
logo
Micro Commercial Compon...
MIW25N120FA MCC-MIW25N120FA Datasheet
1,023Kb / 7P
   Trench and Field Stop IGBT 1200V 25A
Rev.3-1-02182022
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
   1200V Field Stop Trench IGBT
HIL40N120TF SEMIHOW-HIL40N120TF Datasheet
909Kb / 8P
   1200V Field Stop Trench IGBT
HIL40N120VF SEMIHOW-HIL40N120VF Datasheet
851Kb / 8P
   1200V Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HM25N135FT HMSEMI-HM25N135FT Datasheet
752Kb / 9P
   1350V /25A Trench Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com