Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA70N33BTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGA70N33BTD
Description  330V, 70A PDP IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA70N33BTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGA70N33BTD Datasheet HTML 1Page - Fairchild Semiconductor FGA70N33BTD Datasheet HTML 2Page - Fairchild Semiconductor FGA70N33BTD Datasheet HTML 3Page - Fairchild Semiconductor FGA70N33BTD Datasheet HTML 4Page - Fairchild Semiconductor FGA70N33BTD Datasheet HTML 5Page - Fairchild Semiconductor FGA70N33BTD Datasheet HTML 6Page - Fairchild Semiconductor FGA70N33BTD Datasheet HTML 7Page - Fairchild Semiconductor FGA70N33BTD Datasheet HTML 8Page - Fairchild Semiconductor FGA70N33BTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGA70N33BTD Rev. A
November 2008
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Notes:
1: Repetitive test , Pulse width=100usec , Duty=0.1
2: Half Sine Wave, D< 0.01, pluse width < 5usec
*IC_pulse limited by max Tj
Symbol
Description
Ratings
Units
VCES
Collector to Emitter Voltage
330
V
VGES
Gate to Emitter Voltage
± 30
V
ICpulse(1)*
Pulsed Collector Current
@ TC = 25
oC
160
A
IC pulse(2)*
Pulsed Collector Current
@ TC = 25
oC
220
A
PD
Maximum Power Dissipation
@ TC = 25
oC149
W
Maximum Power Dissipation
@ TC = 100
oC60
W
VRRM
Peak Repetitive Reverse Voltage of Diode
330
V
IF(AV)
Average Rectified Forward Current of diode @ TC = 100
oC10
A
IFSM
Non-repetitive Peak Surge Current of diode
60Hz Single Half-Sine wave
100
A
TJ, Tstg
Operating Junction Temperature and Storage Temperrature
-55 to +150
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction to Case
--
0.84
oC/W
RθJC(Diode)
Thermal Resistance, Junction to Case
--
1.57
oC/W
RθJA
Thermal Resistance, Junction to Ambient
--
40
oC/W
G C E
TO-3P
G
C
E
FGA70N33BTD
330V, 70A PDP IGBT
Features
• High current capability
• Low saturation voltage: VCE(sat) =1.7V @ IC = 70A
• High input impedance
• Fast switching
•RoHS Compliant
Applications
• PDP System
General Description
Using Novel Trench IGBT Technology, Fairchild’s new series of
trench
IGBTs
offer
the
optimum
performance
for
PDP
applications where low conduction and switching losses are
essential.


Similar Part No. - FGA70N33BTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA70N30T FAIRCHILD-FGA70N30T Datasheet
555Kb / 7P
   300V, 70A PDP IGBT
FGA70N30TD FAIRCHILD-FGA70N30TD Datasheet
599Kb / 9P
   300V, 70A PDP IGBT
More results

Similar Description - FGA70N33BTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGPF70N33BT FAIRCHILD-FGPF70N33BT Datasheet
696Kb / 8P
   330V, 70A PDP IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
   330V, PDP IGBT
FGPF4633 FAIRCHILD-FGPF4633 Datasheet
653Kb / 8P
   330V PDP IGBT
FGPF50N33BT FAIRCHILD-FGPF50N33BT Datasheet
661Kb / 8P
   330V, 50A PDP IGBT
FGA90N33ATDTU FAIRCHILD-FGA90N33ATDTU Datasheet
517Kb / 9P
   330V, 90A PDP Trench IGBT
FGA90N33AT FAIRCHILD-FGA90N33AT Datasheet
655Kb / 8P
   330V, 90A PDP Trench IGBT
FGA180N33AT FAIRCHILD-FGA180N33AT Datasheet
657Kb / 8P
   330V, 180A PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
736Kb / 9P
   330V, 180A PDP Trench IGBT
FGA180N33ATTU FAIRCHILD-FGA180N33ATTU Datasheet
695Kb / 8P
   330V, 180A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD Datasheet
750Kb / 9P
   330V, 90A PDP Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com