Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC4567 Datasheet(PDF) 4 Page - SYNC POWER Crop.

Part # SPC4567
Description  N & P Pair Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPC4567 Datasheet(HTML) 4 Page - SYNC POWER Crop.

  SPC4567 Datasheet HTML 1Page - SYNC POWER Crop. SPC4567 Datasheet HTML 2Page - SYNC POWER Crop. SPC4567 Datasheet HTML 3Page - SYNC POWER Crop. SPC4567 Datasheet HTML 4Page - SYNC POWER Crop. SPC4567 Datasheet HTML 5Page - SYNC POWER Crop. SPC4567 Datasheet HTML 6Page - SYNC POWER Crop. SPC4567 Datasheet HTML 7Page - SYNC POWER Crop. SPC4567 Datasheet HTML 8Page - SYNC POWER Crop. SPC4567 Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2009/06/01
Ver.1
Page 4
SPC4567
N & P Pair Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS ( PMOS )
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-250uA
-40
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=-250uA
-0.8
-2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=-36V,VGS=0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS=-36V,VGS=0V
TJ=85℃
-5
uA
On-State Drain Current
ID(on)
VDS= -5V,VGS =-4.5V
-10
A
VGS=-10V,ID=-7.2A
0.082
0.095
Drain-Source On-Resistance
RDS(on)
VGS=-4.5V,ID=-5.0A
0.095
0.110
Forward Transconductance
gfs
VDS=-15V,ID=-5.7A
13
S
Diode Forward Voltage
VSD
IS=-1.3A,VGS =0V
-0.55
-1.0
V
Dynamic
Total Gate Charge
Qg
9
12
Gate-Source Charge
Qgs
1.5
Gate-Drain Charge
Qgd
VDS=-15V,VGS=-10V
ID= -3.5A
2.0
nC
Input Capacitance
Ciss
500
Output Capacitance
Coss
95
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V
f=1MHz
50
pF
td(on)
8
20
Turn-On Time
tr
10
20
td(off)
30
35
Turn-Off Time
tf
VDD=-15V,RL=15Ω
ID≡-1.0A,VGEN=-10V
RG=6Ω
15
20
nS


Similar Part No. - SPC4567

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SPC4567 DOINGTER-SPC4567 Datasheet
2Mb / 5P
   N-Channel and P-Channel MOSFET use advanced trench Technology
logo
VBsemi Electronics Co.,...
SPC4567S8RGB VBSEMI-SPC4567S8RGB Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
SYNC POWER Crop.
SPC4567W SYNC-POWER-SPC4567W Datasheet
264Kb / 12P
   N & P Pair Enhancement Mode MOSFET
SPC4567WS8RGB SYNC-POWER-SPC4567WS8RGB Datasheet
264Kb / 12P
   N & P Pair Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPC4567WS8RGB VBSEMI-SPC4567WS8RGB Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SPC4567

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
   N&P Pair Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
   N & P Pair Enhancement Mode MOSFET
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6602 SYNC-POWER-SPC6602 Datasheet
265Kb / 11P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC6301D STANSON-STC6301D Datasheet
922Kb / 8P
   N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com