Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS24 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMS24 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
SMS24
2048 2.4. 3/1/01
SUMMIT MICROELECTRONICS, Inc.
MEMORY OPERATION
The SMS24 memory is configured as a 2K x 8 array. Data
is received and transmitted via an industry standard two-
wire interface. The bus was designed for two-way, two-
line serial communication between different integrated
circuits. The two lines are a serial data line (SDA), and a
serial clock line (SCL). The SDA line must be connected
to a positive supply by a pull-up resistor, located some-
where on the bus
Input Data Protocol
Configuring and programming the SMS24 is done using
the 2-wire serial interface. The device type address for this
operation is 1001BIN.
The protocol defines any device that sends data onto the
bus as a “transmitter” and any device that receives data as
a “re ceiver.” The device controlling data transmission is
called the “master” and the controlled device is called the
“slave.” In all cases the SMS24 will be a “slave” device,
since it never initiates any data transfers.
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during clock high
time because changes on the data line while SCL is high
will be interpreted as a start or a stop condition.
Table 3. Programming Register 1
B
S
M
7
65
4
3
2
1
B
S
L
0
x
K
C
O
LV
Od
d
AT
D2
D
W1
D
W0
D
W
s
d
n
o
c
e
S
t
u
o
e
m
i
T
g
o
d
h
c
t
a
W
s
t
i
B
t
u
o
e
m
i
T
g
o
d
h
c
t
a
W
e
d
o
M
e
l
d
I
r
o
F
F
O
à
00x
s
4
.
0
à
01
1
s
8
.
0
à
10
0
s
6
.
1
à
10
1
s
2
.
3
à
11
0
s
4
.
6
à
111
x
x
x
0
D
e
c
i
v
e
T
0
1
0
1
s
s
e
r
d
d
A
e
p
y
1
D
e
c
i
v
e
T
1
1
0
1
s
s
e
r
d
d
A
e
p
y
0o
t
s
d
n
o
p
s
e
R
d
d
A
s
a
i
B
n
i
P
s
s
e
r
x
1s
e
r
o
n
g
I
d
d
A
s
a
i
B
n
i
P
s
s
e
r
0
V
E
S
N
E
S
)
V
5
2
.
1
(
d
l
o
h
s
e
r
h
T
>
s
r
e
g
g
i
r
T
x
1
V
E
S
N
E
S
)
V
5
2
.
1
(
d
l
o
h
s
e
r
h
T
<
s
r
e
g
g
i
r
T
0s
r
e
t
s
i
g
e
R
R
P
n
e
p
O
g
n
i
t
i
r
W
r
o
f
x
1g
n
i
t
i
r
W
s
r
e
t
s
i
g
e
R
R
P
k
c
o
L
t
u
o
2048 Table03 2.0
START and STOP Conditions
When both the data and clock lines are high, the bus is said
to be not busy. A high-to-low transition on the data line,
while the clock is high is defined as the “START” condition.
A low-to-high transition on the data line while the clock is
high is defined as the “STOP” condition.
Figure 1. START and STOP Conditions
Acknowledge (ACK)
Acknowledge is a software convention used to indicate
successful data transfers. The transmitting device, either
the master or the slave, will release the bus after transmit-
ting eight bits. During the ninth clock cycle the receiver will
pull the SDA line low to ACKnowledge that it received the
eight bits of data.
2046 Fig01 2.0
SCL
SDA In
START
Condition
STOP
Condition


Similar Part No. - SMS24

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS24 SEMTECH-SMS24 Datasheet
161Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS24 MICROSEMI-SMS24 Datasheet
227Kb / 2P
   4 LINE UNIDIRECTIONAL TVSarray
logo
Semtech Corporation
SMS24 SEMTECH-SMS24 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMS24 PROTEC-SMS24 Datasheet
707Kb / 8P
   MULTI-LINE TVS ARRAY
SMS24 PROTEC-SMS24 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
More results

Similar Description - SMS24

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
   Highly Programmble Voltage Supervisory Circuit
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544 Datasheet
41Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544 MICROSEMI-SG1544_1 Datasheet
149Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com