Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S93662 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # S93662
Description  Precision Supply-Voltage Monitor and Reset Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93662 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button S93662 Datasheet HTML 4Page - Summit Microelectronics, Inc. S93662 Datasheet HTML 5Page - Summit Microelectronics, Inc. S93662 Datasheet HTML 6Page - Summit Microelectronics, Inc. S93662 Datasheet HTML 7Page - Summit Microelectronics, Inc. S93662 Datasheet HTML 8Page - Summit Microelectronics, Inc. S93662 Datasheet HTML 9Page - Summit Microelectronics, Inc. S93662 Datasheet HTML 10Page - Summit Microelectronics, Inc. S93662 Datasheet HTML 11Page - Summit Microelectronics, Inc. S93662 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
S93662/S93663
2012 2.1 8/2/00
Limits
VCC=2.7V-4.5V VCC=4.5V-5.5V
Test
SYMBOL PARAMETER
Min.
Max.
Min.
Max.
UNITS
Conditions
tCSS
CS Setup Time
100
50
ns
tCSH
CS Hold Time
0
0
ns
VIL = 0.45V
tDIS
DI Setup Time
200
100
ns
VIH = 2.4V
tDIH
DI Hold Time
200
100
ns
CL = 100pF
tPD1
Output Delay to 1
0.5
0.25
µs
VOL = 0.8V
tPD0
Output Delay to 0
0.5
0.25
µs
VOH = 2.0v
tHZ(1)
Output Delay to High-Z
200
100
ns
tEW
Program/Erase Pulse Width
10
10
ms
tCSMIN
Minimum CS Low Time
0.5
0.25
µs
tSKHI
Minimum SK High Time
0.5
0.25
µs
tSKLOW
Minimum SK Low Time
0.5
0.25
µs
tSV
Output Delay to Status Valid
0.5
0.25
µs
CL = 100pF
SKMAX
Maximum Clock Frequency
DC
500
DC
1000
KHZ
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
A.C. CHARACTERISTICS (over recommended operating conditions unless otherwise specified)
CL = 100pF
2012 PGM T6 1.0
PIN CAPACITANCE
Symbol
Test
Max.
Units
Conditions
COUT(1)
OUTPUT CAPACITANCE (DO)
5
pF
VOUT=OV
CIN(1)
INPUT CAPACITANCE (CS, SK, DI, ORG)
5
pF
VIN=OV
2012 PGM T4 1.0


Similar Part No. - S93662

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
S93662PA ETC-S93662PA Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
S93662PAT ETC-S93662PAT Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
S93662PB ETC-S93662PB Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
S93662PBT ETC-S93662PBT Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
More results

Similar Description - S93662

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462_98 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com