Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF17N60NT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDPF17N60NT
Description  N-Channel MOSFET 600V, 17A, 0.34廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF17N60NT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDPF17N60NT Datasheet HTML 1Page - Fairchild Semiconductor FDPF17N60NT Datasheet HTML 2Page - Fairchild Semiconductor FDPF17N60NT Datasheet HTML 3Page - Fairchild Semiconductor FDPF17N60NT Datasheet HTML 4Page - Fairchild Semiconductor FDPF17N60NT Datasheet HTML 5Page - Fairchild Semiconductor FDPF17N60NT Datasheet HTML 6Page - Fairchild Semiconductor FDPF17N60NT Datasheet HTML 7Page - Fairchild Semiconductor FDPF17N60NT Datasheet HTML 8Page - Fairchild Semiconductor FDPF17N60NT Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FDP17N60N/FDPF17N60NT Rev. A
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDP17N60N
FDP17N60N
TO-220
-
-
50
FDPF17N60NT
FDPF17N60NT
TO-220F
-
-
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V, TC = 25oC
600
-
-
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25oC-
0.8
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
-
-
1
µA
VDS = 480V, VGS = 0V,TC = 150oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±30V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250µA3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 8.5A
-
0.29
0.34
gFS
Forward Transconductance
VDS = 20V, ID = 8.5A
(Note 4)
-21
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
2285
3040
pF
Coss
Output Capacitance
-
310
410
pF
Crss
Reverse Transfer Capacitance
-
23
35
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 480V ID = 17A
VGS = 10V
(Note 4, 5)
-48
65
nC
Qgs
Gate to Source Gate Charge
-
13
-
nC
Qgd
Gate to Drain “Miller” Charge
-
20
-
nC
td(on)
Turn-On Delay Time
VDD = 300V, ID = 17A
VGS = 10V, RGEN = 25Ω
(Note 4, 5)
-
48
106
ns
tr
Turn-On Rise Time
-
79
168
ns
td(off)
Turn-Off Delay Time
-
128
266
ns
tf
Turn-Off Fall Time
-
62
134
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
74
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
68
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 17A
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 17A
dIF/dt = 100A/µs
(Note 4)
-
575
-
ns
Qrr
Reverse Recovery Charge
-
7.2
-
µC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 5.8mH, IAS = 17A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 17A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FDPF17N60NT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF17N60NT ISC-FDPF17N60NT Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF17N60NT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP11N60N FAIRCHILD-FCP11N60N Datasheet
922Kb / 10P
   N-Channel MOSFET 600V, 10.8A, 0.299廓
FCP9N60N FAIRCHILD-FCP9N60N Datasheet
911Kb / 10P
   N-Channel MOSFET 600V, 9A, 0.385廓
FCP13N60N FAIRCHILD-FCP13N60N Datasheet
904Kb / 10P
   N-Channel MOSFET 600V, 13A, 0.258廓
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
   N-Channel MOSFET 600V, 3.8A, 2.5廓
FDPF5N60NZ FAIRCHILD-FDPF5N60NZ Datasheet
344Kb / 10P
   N-Channel MOSFET 600V, 4.5A, 2.0廓
logo
STMicroelectronics
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
   N-channel 30V - 0.038廓 - 17A - DPAK STripFET??II Power MOSFET
STW18NK80Z STMICROELECTRONICS-STW18NK80Z_06 Datasheet
269Kb / 14P
   N-channel 800V - 0.34廓 - 19A - TO-247 Zener-protected SuperMESH??Power MOSFET
logo
Fairchild Semiconductor
FCA76N60N FAIRCHILD-FCA76N60N Datasheet
720Kb / 8P
   FCA76N60N N-Channel MOSFET 600V, 76A, 36m廓
logo
Taiwan Semiconductor Co...
TSM4N60E TSC-TSM4N60E Datasheet
1Mb / 7P
   600V, 4A, 2.5廓 N-Channel Power MOSFET
TSM60N380 TSC-TSM60N380 Datasheet
391Kb / 9P
   600V, 11A, 0.38廓 N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com