Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP10N60ZU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDP10N60ZU
Description  N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP10N60ZU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDP10N60ZU Datasheet HTML 1Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 2Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 3Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 4Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 5Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 6Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 7Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 8Page - Fairchild Semiconductor FDP10N60ZU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FDP10N60ZU/FDPF10N60ZUT Rev. A
www.fairchildsemi.com
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDP10N60ZU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
logo
Inchange Semiconductor ...
FDP10N60NZ ISC-FDP10N60NZ Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP10N60ZU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT_12 Datasheet
325Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FCP9N60N FAIRCHILD-FCP9N60N Datasheet
911Kb / 10P
   N-Channel MOSFET 600V, 9A, 0.385廓
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com